Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 188 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 188 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 184Page - Exar Corporation XRT7250 Datasheet HTML 185Page - Exar Corporation XRT7250 Datasheet HTML 186Page - Exar Corporation XRT7250 Datasheet HTML 187Page - Exar Corporation XRT7250 Datasheet HTML 188Page - Exar Corporation XRT7250 Datasheet HTML 189Page - Exar Corporation XRT7250 Datasheet HTML 190Page - Exar Corporation XRT7250 Datasheet HTML 191Page - Exar Corporation XRT7250 Datasheet HTML 192Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
169
4.2.4.2.1
Generating Alarm Conditions
The Transmit DS3 Framer block permits the user to,
by writing the appropriate data into the on-chip regis-
ters, to override the data that is being written into the
Transmit Payload Data and Overhead Data Input In-
terfaces and transmit the following alarm conditions.
• Generate the Yellow Alarms (or FERF indicators)
• Manipulate the X-bit (set them to 1)
• Generate the AIS Pattern
• Generate the IDLE pattern
• Generate the LOS pattern
• Generate FERF (Yellow) Alarms, in response to
detection of a Red Alarm condition (via the Receive
Section of the XRT7250).
• Generate and transmit a desired value for FEBE
(Far-End-Block Error).
The procedure and results of generating any of these
alarm conditions is presented below.
The user can exercise each of these options by writ-
ing the appropriate data to the Tx DS3 Configuration
Register (Address = 0x30). The bit format of this reg-
ister is presented below.
The role/function of each of these bit-fields within the
register, are discussed below.
4.2.4.2.1.1
Transmit Yellow Alarm - Bit 7
This read/write bit field permits the user to force the
transmission of a Yellow Alarm to the remote terminal
equipment via software control. If the user opts to
transmit a Yellow Alarm then both of the X-bits, within
the outbound DS3 frames will be set to '0'. Table 27
relates the content of this bit field to the Transmit DS3
Framer block's action.
NOTE: This bit is ignored when either the TxIDLE, TxAIS, or
the TxLOS bit-fields are set.
4.2.4.2.1.2
Transmit X-bit - Bit 6
This bit field functions as the logical complement to
Bit 7 (e.g., Tx Yellow Alarm). This read/write bit field
permits the user to force all of the X-bits, in the out-
bound DS3 frames, to "1" and transmit them to the re-
mote terminal equipment. Table 28 relates the con-
tent of this bit field to the Transmit DS3 Framer
Block's action.
TX DS3 CONFIGURATION REGISTER (ADDRESS = 0X30)
BIT 7BIT 6BIT 5BIT 4
BIT 3BIT2BIT 1BIT 0
Tx
Yellow Alarm
Tx X-Bit
Tx IDLE
Pattern
Tx AIS
Pattern
Tx LOS
Pattern
FERF on
LOS
FERF on
OOF
FERF on
AIS
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
0
010
1
011
TABLE 27: THE RELATIONSHIP BETWEEN THE CONTENTS OF BIT 7 (TX YELLOW ALARM) WITHIN THE TX DS3
CONFIGURATION REGISTER, AND THE RESULTING TRANSMIT DS3 FRAMER BLOCK'S ACTION
BIT 7TRANSMIT DS3 FRAMER'S ACTION
0
Normal Operation:
The X-bits are generated by the Transmit DS3 Framer block based upon Near End Receiving Conditions (as
detected by the Receive Section of the chip)
1
Transmit Yellow Alarm:
The Transmit DS3 Framer block will overwrite the X-bits by setting them all to 0. The payload information is
not modified and is transmitted as normal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com