Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 182 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 182 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 178Page - Exar Corporation XRT7250 Datasheet HTML 179Page - Exar Corporation XRT7250 Datasheet HTML 180Page - Exar Corporation XRT7250 Datasheet HTML 181Page - Exar Corporation XRT7250 Datasheet HTML 182Page - Exar Corporation XRT7250 Datasheet HTML 183Page - Exar Corporation XRT7250 Datasheet HTML 184Page - Exar Corporation XRT7250 Datasheet HTML 185Page - Exar Corporation XRT7250 Datasheet HTML 186Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
163
Where: Flag Sequence = 0x7E
SAPI + CR + EA = 0x3C or 0x3E
TEI + EA = 0x01
Control = 0x03
The following sections defines each of these bit/byte-
fields within the LAPD Message Frame Format.
Flag Sequence Byte
The Flag Sequence byte is of the value 0x7E, and is
used to for two purposes
1. To denote the boundaries of the LAPD Message
Frame, and
2. To function as the Idle Pattern (e.g., Transmit
HDLC Controller block transmits a continuous
stream of flag sequence octets, whenever no
LAPD Message is being transmitted).
SAPI - Service Access Point Identifier
The SAPI bit-fields are assigned the value of
001111b or 15 (decimal).
TEI - Terminal Endpoint Identifier
The TEI bit-fields are assigned the value of 0x00.
The TEI field is used in N-ISDN systems to identify a
terminal out of multiple possible terminal. However,
since the Framer IC transmits data in a point-to-point
manner, the TEI value is unimportant.
Control
The Control identifies the type of frame being trans-
mitted. There are three general types of frame for-
mats: Information, Supervisory, and Unnumbered.
The Framer assigned the Control byte the value 0x03.
Hence, the Framer will be transmitting and receiving
Unnumbered LAPD Message frames.
Information Payload
The Information Payload is the 76 bytes or 82 bytes of
data (e.g., the PMDL Message) that the user has writ-
ten into the on-chip Transmit LAPD Message buffer
(which is located at addresses 0x86 through 0xDD).
It is important to note that the user must write in a
specific octet value into the first byte position within
the Transmit LAPD Message buffer (located at Ad-
dress = 0x86, within the Framer). The value of this
octet depends upon the type of LAPD Message
frame/PMDL Message that the user wishes to trans-
mit. Table 24 presents a list of the various types of
LAPD Message frames/PMDL Messages that are
supported by the XRT7250 Framer and the corre-
sponding octet value that the user must write into the
first octet position within the Transmit LAPD Message
buffer.
Frame Check Sequence Bytes
FIGURE 62. LAPD MESSAGE FRAME FORMAT
Flag Sequence (8 bits)
SAPI (6-bits)
C/R
EA
TEI (7 bits)
EA
Control (8-bits)
76 or 82 Bytes of Information (Payload)
FCS - MSB
FCS - LSB
Flag Sequence (8-bits)
TABLE 24: THE LAPD MESSAGE TYPE AND THE CORRESPONDING VALUE OF THE FIRST BYTE, WITHIN THE
INFORMATION PAYLOAD
LAPD MESSAGE TYPE
VALUE OF FIRST BYTE, WITHIN
INFORMATION PAYLOAD OF MESSAGE
MESSAGE SIZE
CL Path Identification
0x38
76 bytes
IDLE Signal Identification
0x34
76 bytes
Test Signal Identification
0x32
76 bytes
ITU-T Path Identification
0x3F
82 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com