Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 200 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 200 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 196Page - Exar Corporation XRT7250 Datasheet HTML 197Page - Exar Corporation XRT7250 Datasheet HTML 198Page - Exar Corporation XRT7250 Datasheet HTML 199Page - Exar Corporation XRT7250 Datasheet HTML 200Page - Exar Corporation XRT7250 Datasheet HTML 201Page - Exar Corporation XRT7250 Datasheet HTML 202Page - Exar Corporation XRT7250 Datasheet HTML 203Page - Exar Corporation XRT7250 Datasheet HTML 204Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
181
• Set Bit 3 (Tx FEAC Interrupt Status) within the Tx
DS3 FEAC Configuration & Status Register, as
illustrated below.
The purpose of this interrupt is to alert the Microcon-
troller/Microprocessor that the Transmit FEAC Pro-
cessor has completed its transmission of a given
FEAC message and is now ready to transmit the next
FEAC Message, to the Remote Terminal Equipment.
4.2.6.1.3
The Completion of Transmission of
the LAPD Message Interrupt
If the Transmit Section interrupts have been enabled
at the Block level, then the user can enable or disable
the Completion of Transmission of a LAPD Message
Interrupt by writing the appropriate value into Bit 1
(TxLAPD Interrupt Enable) within the Tx DS3 LAPD
Status & Interrupt Register (Address = 0x34), as illus-
trated below.
Setting this bit-field to “1’ enables the Completion of
Transmission of a LAPD Message Interrupt. Con-
versely, setting this bit-field to “0” disables the Com-
pletion of Transmission of a LAPD Message interrupt.
4.2.6.1.4
Servicing the Completion of Trans-
mission of a LAPD Message Interrupt
As mentioned previously, once the user commands
the LAPD Transmitter to begin its transmission of a
LAPD Message, it will do the following.
1. It will parse through the contents of the Transmit
LAPD Message Buffer (located at address loca-
tions 0x86 through 0xDD) and search for a string
of five (5) consecutive “1’s”. If the LAPD Trans-
mitter finds a string of five consecutive “1’s”
(within the content of the LAPD Message Buffer,
then it will insert a “0” immediately after this
string.
2. It will compute the FCS (Frame Check Sequence)
value and append this value to the back-end of
the user-message.
3. It will read out of the content of the user (zero-
stuffed) message and will encapsulate this data
into a LAPD Message frame.
4. Finally, it will begin transmitting the contents of
this LAPD Message frame via the “DL” bits, within
each outbound DS3 frame.
5. Once the LAPD Transmitter has completed its
transmission of this LAPD Message frame (to the
Remote Terminal Equipment), the XRT7250
Framer IC will generate the Completion of Trans-
mission of a LAPD Message Interrupt to the
Microcontroller/Microprocessor. Once the
XRT7250 Framer IC generates this interrupt, it
will do the following.
• Assert the Interrupt Output pin (INT) by toggling it
"Low".
• Set Bit 0 (TxLAPD Interrupt Status) within the
TxDS3 LAPD Status and Interrupt Register, as
illustrated below.
TRANSMIT DS3 FEAC CONFIGURATION & STATUS REGISTER (ADDRESS = 0X31)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
Tx FEAC
Interrupt
Enable
TxFEAC
Interrupt
Status
TxFEAC
Enable
TxFEAC
GO
TxFEAC
Busy
RO
RO
RO
R/W
RUR
R/W
R/W
RO
0
0011
000
TXDS3 LAPD STATUS AND INTERRUPT REGISTER (ADDRESS = 0X34)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
TxDL Start
TxDL Busy
TxLAPD
Interrupt
Enable
TxLAPD
Interrupt
Status
RO
RO
RO
RO
R/W
RO
R/W
RUR
0
0000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com