Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 204 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 204 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 200Page - Exar Corporation XRT7250 Datasheet HTML 201Page - Exar Corporation XRT7250 Datasheet HTML 202Page - Exar Corporation XRT7250 Datasheet HTML 203Page - Exar Corporation XRT7250 Datasheet HTML 204Page - Exar Corporation XRT7250 Datasheet HTML 205Page - Exar Corporation XRT7250 Datasheet HTML 206Page - Exar Corporation XRT7250 Datasheet HTML 207Page - Exar Corporation XRT7250 Datasheet HTML 208Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
185
4.3.1.2.1
AMI Decoding
AMI or Alternate Mark Inversion, means that consec-
utive one's pulses (or marks) will be of opposite polar-
ity with respect to each other. This line code involves
the use of three different amplitude levels: +1, 0, and -
1. The +1 and -1 amplitude signals are used to repre-
sent one's (or mark) pulses and the "0" amplitude
pulses (or the absence of a pulse) are used to repre-
sent zeros (or space) pulses. The general rule for the
AMI line code is: if a given mark pulse is of positive
polarity, then the very next mark pulse will be of nega-
tive polarity and vice versa. This alternating-polarity
relationship exists between two consecutive mark
pulses, independent of the number of zeros that exist
between these two pulses. Figure 76 presents an il-
lustration of the AMI Line Code as would appear at
the RxPOS and RxNEG input pins of the Framer, as
well as the corresponding output signal on the line.
NOTE: One of the reasons that the AMI Line Code has
been chosen for driving copper medium, isolated via trans-
formers, is that this line code has no dc component, thereby
eliminating dc distortion in the line.
4.3.1.2.2
B3ZS Decoding
FIGURE 75. ILLUSTRATION ON HOW THE RECEIVE DS3 FRAMER (WITHIN THE XRT7250 FRAMER IC) BEING INTER-
FACE TO THE
XRT7300 LINE INTERFACE UNIT, WHILE THE FRAMER IS OPERATING IN BIPOLAR MODE
5V
U1
XRT7250
TxPOS
65
TxNEG
64
TxLineClk
63
DMO
79
ExtLOS
78
RLOL
77
LLOOP
69
RLOOP
70
TAOS
68
TxLEV
67
ENCODIS
66
REQB
71
RxPOS
76
RxNEG
75
RxLineClk
74
MOTO
27
RESETB
28
A0
15
A1
16
A2
17
A3
18
A4
19
A5
20
A6
21
A7
22
A8
23
D0
32
D1
33
D2
34
D3
35
D4
36
D5
37
D6
38
D7
39
Rdy_Dtck
6
WRB_RW
7
RDB_DS
10
CSB
8
ALE_AS
9
INTB
13
TxSER
46
TxInClk
43
TxFrame
61
RxSer
86
RxClk
88
RxFrame
90
RxLOS
95
RxOOF
94
RxRED
93
RxAIS
87
NIBBLEINTF
25
U2
XRT7300
TPDATA
37
TNDATA
38
TCLK
36
RCLK1
31
RNEG
32
RPOS
33
TTIP
41
TRING
40
MTIP
44
MRING
43
RRING
9
RTIP
8
DMO
4
RLOS
24
RLOL
23
LLB
14
RLB
15
TAOS
2
TxLEV
1
ENCODIS
21
REQDIS
12
T1
1:1
1
5
4
8
T2
1:1
1
5
4
8
R1
36
1
2
R2
36
1
2
R6
37.5
R3
270
1
2
R4
270
1
2
R5
37.5
C1
0.01uF
1
2
TxSER
TxInClk
NIBBLEINTF
RESETB
RTIP
RRING
CSB
RW
DS
AS
TxFrame
RxSer
RxClk
RxFrame
RxLOS
RxOOF
RxRED
RxAIS
A[8:0]
TRING
TTIP
INTB
D[7:0]
INTB
FIGURE 76. ILLUSTRATION OF AMI LINE CODE
Data
1
0
1
1
0
0
0
1
0
1
1
1
1
0
1
1
0
1
1
0
0
1
1
0
0
0
0
1
RxPOS
RxNEG
Line Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com