Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 208 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 208 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 204Page - Exar Corporation XRT7250 Datasheet HTML 205Page - Exar Corporation XRT7250 Datasheet HTML 206Page - Exar Corporation XRT7250 Datasheet HTML 207Page - Exar Corporation XRT7250 Datasheet HTML 208Page - Exar Corporation XRT7250 Datasheet HTML 209Page - Exar Corporation XRT7250 Datasheet HTML 210Page - Exar Corporation XRT7250 Datasheet HTML 211Page - Exar Corporation XRT7250 Datasheet HTML 212Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
189
Once the B3ZS (or AMI) encoded data has been de-
coded into a binary data-stream, the Receive DS3
Framer block will use portions of this data-stream in
order to synchronize itself to the remote terminal
equipment. At any given time, the Receive DS3
Framer block will be operating in one of two modes.
• The Frame Acquisition Mode: In this mode, the
Receive DS3 Framer block is trying to acquire syn-
chronization with the incoming DS3 frames, or
• The Frame Maintenance Mode: In this mode, the
Receive DS3 Framer block is trying to maintain
frame synchronization with the incoming DS3
Frames.
Figure 81 presents a State Machine diagram that de-
picts the Receive DS3 Framer block's DS3 Frame Ac-
quisition/Maintenance Algorithm.
4.3.2.1
Frame Acquisition Mode Operation
The Receive DS3 Framer block will be performing
Frame Acquisition operation while it is operating in
any of the following states (per the DS3 Frame Acqui-
sition/Maintenance algorithm State Machine diagram,
as depicted in Figure 81.)
• The F-bit Search state
• The M-bit Search state
• The P-Bit Check state (optional)
Once the Receive DS3 Framer block enters the In-
Frame state (per Figure 81), then it will begin Frame
Maintenance operation.
When the Receive DS3 Framer block is in the frame-
acquisition mode, it will begin to look for valid DS3
frames by first searching for the F-bits in the incoming
DS3 data stream. At this initial point the Receive
DS3 Framer block will be operating in the F-Bit
Search state within the DS3 Frame Acquisition/Main-
tenance algorithm state machine diagram (see
Figure 81). Recall from the discussion in Section 4.1,
that each DS3 F-frame consists of four (4) F-bits that
FIGURE 81. THE STATE MACHINE DIAGRAM FOR THE RECEIVE DS3 FRAMER BLOCK'S FRAME ACQUISITION/MAIN-
TENANCE
ALGORITHM
F-Bit Search
M-Bit Search
F-Bit Synch
Achieved
In-Frame
RxOOF pin
is Negated.
10 Consecutive F-bits
Correctly Received
Parity Check
(Only if Framing
on Parity is
Selected)
M-bits Correctly
Detected for 3
Consecutive M-Frames
(Framing on Parity is
Selected)
M-bits Correctly
Detected for 3
Consecutive M-Frames
(Framing on Parity is
Not Selected)
OOF Criteria
based upon values
for F-Sync Algo
and M-Sync Algo
Valid Parity
Parity Error in
2 out of 5 frames



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com