Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 210 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 210 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 206Page - Exar Corporation XRT7250 Datasheet HTML 207Page - Exar Corporation XRT7250 Datasheet HTML 208Page - Exar Corporation XRT7250 Datasheet HTML 209Page - Exar Corporation XRT7250 Datasheet HTML 210Page - Exar Corporation XRT7250 Datasheet HTML 211Page - Exar Corporation XRT7250 Datasheet HTML 212Page - Exar Corporation XRT7250 Datasheet HTML 213Page - Exar Corporation XRT7250 Datasheet HTML 214Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
191
Table 38 relates the contents of this bit-field to the
OOF Declaration criteria
NOTE: Once the Receive DS3 Framer block has declared
an OOF condition, it will transition back to the F-Bit Search
state within the DS3 Frame Acquisition/Maintenance algo-
rithm (per Figure 81).
In addition to selecting an OOF Declaration criteria
for the F-bits, the user has the following options for
configuring the OOF Declaration criteria based upon
M-bits.
1. M-bit errors do not cause a OOF Declaration, or
2. OOF will be declared if 3 out of 4 consecutive M-
bits are in error.
The user will select between these two options by
writing the appropriate value to Bit 0 (M-Sync Algo)
within the Receive DS3 Configuration and Status
Register, as depicted below.
Table 39 relates the contents of this Bit Field to the M-
Bit Error criteria for Declaration of OOF.
The Framing on Parity Criteria for OOF Declara-
tion
Finally, the Framer IC offers the Framing on Parity op-
tion, which also effects the OOF Declaration criteria.
As was mentioned earlier, the Framer IC allows the
user to configure the Receive DS3 Framer block to
detect 'valid-parity' before declaring itself In-Frame.
This same selection also configures the Receive DS3
Framer block to also declare an OOF Condition if a P-
bit error is detected in 2 of the last 5 M-frames.
RX DS3 CONFIGURATION AND STATUS REGISTER, (ADDRESS = 0X10)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT2
BIT 1BIT 0
RxAIS
RxLOS
RxIdle
RxOOF
Int LOS
Disable
Framing on
Parity
F-Sync Algo
M-Sync Algo
RO
RO
RO
RO
R/W
R/W
R/W
R/W
XX
XXXX
XX
TABLE 38: THE RELATIONSHIP BETWEEN THE CONTENTS OF BIT 1 (F-SYNC ALGO) WITHIN THE RX DS3
CONFIGURATION AND STATUS REGISTER, AND THE RESULTING F-BIT OOF DECLARATION CRITERIA USED BY THE
RECEIVE DS3 FRAMER BLOCK
F-SYNC ALGO (BIT 1)
OOF DECLARATION CRITERIA
0
OOF is declared when 6 out of 16 consecutive F-bits are in error.
1
OOF is declared when 3 out of 16 consecutive F-bits are in error.
RX DS3 CONFIGURATION AND STATUS REGISTER, (ADDRESS = 0X10)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT2BIT 1
BIT 0
RxAIS
RxLOS
RxIdle
RxOOF
Int LOS
Disable
Framing on
Parity
F-Sync Algo
M-Sync Algo
RO
RO
RO
RO
R/W
R/W
R/W
R/W
XX
XXXX
X
X
TABLE 39: THE RELATIONSHIP BETWEEN THE CONTENTS OF BIT 0 (M-SYNC ALGO) WITHIN THE RX DS3
CONFIGURATION AND STATUS REGISTER, AND THE RESULTING M-BIT OOF DECLARATION CRITERIA USED BY THE
RECEIVE DS3 FRAMER BLOCK
MSYNC ALGO
OOF DECLARATION CRITERIA
0
M-Bit Errors do not result in the declaration of OOF
1
OOF is declared when 3 out of 4 M-bits are in error.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com