Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 214 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 214 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 210Page - Exar Corporation XRT7250 Datasheet HTML 211Page - Exar Corporation XRT7250 Datasheet HTML 212Page - Exar Corporation XRT7250 Datasheet HTML 213Page - Exar Corporation XRT7250 Datasheet HTML 214Page - Exar Corporation XRT7250 Datasheet HTML 215Page - Exar Corporation XRT7250 Datasheet HTML 216Page - Exar Corporation XRT7250 Datasheet HTML 217Page - Exar Corporation XRT7250 Datasheet HTML 218Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
195
2. Generate a Change in Idle Status Interrupt
Request to the local µP/µC.
The Receive DS3 Framer block will clear the Idle
Condition if it has detected a sufficient number of
Non-Idle M-frames, such that this Up/Down Counter
reaches the value 0.
4.3.2.5.4
The Detection of (FERF) or Yellow
Alarm Condition
The Receive DS3 Framer block will identify and de-
clare a Yellow Alarm condition or a Far-End Receive
Failure (FERF) condition, if it starts to receive DS3
frames with both of its X-bits set to 0.
When the Receive DS3 Framer block detects a FERF
condition in the incoming DS3 frames, then it will then
do the following.
1. It will assert the RxFERF (bit-field 4) within the
Rx DS3 Status Register, as depicted below.
This bit-field will remain asserted for the duration that
the Yellow Alarm condition exists.
2. The Receive DS3 Framer block will also generate
a Change in FERF Status interrupt to the µP/µC.
Consequently, the Receive DS3 Framer block will
also assert the FERF Interrupt Status bit, within
the Rx DS3 Interrupt Status Register, as depicted
below.
The Receive DS3 Framer block will clear the FERF
condition, when it starts to receive Receive DS3
Frames that have its X bits set to 1.
NOTE: The FERF indicator is frequently referred to as the
Yellow Alarm.
4.3.2.5.5
The Detection of the FEBE Events
As described in Section 3.2.4.2.1.9, a given Terminal
Equipment will set the three FEBE (Far-End Block Er-
ror) bit-fields to the value [1, 1, 1] (e.g., all of the
FEBE bits are set to “1”) within the outbound DS3
frames if, all of the following conditions are true about
the incoming DS3 line signal.
• The Receive Circuitry (within the Terminal Equip-
ment) detects no P-Bit Errors.
• The Receive Circuitry (within the Terminal Equip-
ment) detects no CP-Bit Errors.
If the Receive Section of the Terminal Equipment de-
tects any P or CP bit errors, then the Transmit Section
of the Terminal Equipment will set the three FEBE
bits (within the outbound DS3 data stream) to a value
other than [1, 1, 1].
How does the Receive DS3 Framer block (within the
XRT7250) respond when it receives a DS3 frame with
all three (3) of its FEBE bit-fields set to “1”?
As mentioned above, the Terminal Equipment will
transmit DS3 frames, with the FEBE bits set to [1, 1,
1], during un-erred conditions. Hence, if the Receive
DS3 Framer block (within the XRT7250 Framer IC)
receives DS3 frames with the FEBE bits set to [1, 1,
1] it will interpret this event as an un-erred event, and
will continue normal operation.
However, if the Receive DS3 Framer block receives a
DS3 frame with the FEBE bits set to a value other
than [1, 1, 1], then it will increment the PMON FEBE
Event Count Registers (which are located at address
locations 0x58 and 0x59 within the Framer Address
space).
4.3.2.5.6
Detection of Change in the AIC State
Section 3.1 indicates that the AIC (Application Identi-
fication Channel) bit-field is the third overhead bit,
within F-Frame # 1. This particular bit-field is set to
“1” for the C-Bit Parity Framing Format, and is set to
“0” for the M13 Framing Format.
RX DS3 STATUS REGISTER (ADDRESS = 0X11)
BIT 7BIT 6BIT 5
BIT 4BIT 3BIT2BIT 1BIT 0
Not Used
Rx FERF
RxAIC
RxFEBE [2]
RxFEBE [1]
RxFEBE [0]
RO
RO
RO
RO
RO
RO
RO
RO
00
0
1X
X
X
X
RX DS3 INTERRUPT STATUS REGISTER (ADDRESS = 0X13)
BIT 7BIT 6BIT 5BIT 4
BIT 3BIT2BIT 1BIT 0
Cp Bit Error
Interrupt
Status
LOS Interrupt
Status
AIS Interrupt
Status
IDLE Interrupt
Status
FERF Inter-
rupt Status
AIC Interrupt
Status
OOF Interrupt
Status
P-Bit Interrupt
Status
RO
RUR
RUR
RUR
RURRUR
RURRUR
0X
X
X
1X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com