Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 218 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 218 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 214Page - Exar Corporation XRT7250 Datasheet HTML 215Page - Exar Corporation XRT7250 Datasheet HTML 216Page - Exar Corporation XRT7250 Datasheet HTML 217Page - Exar Corporation XRT7250 Datasheet HTML 218Page - Exar Corporation XRT7250 Datasheet HTML 219Page - Exar Corporation XRT7250 Datasheet HTML 220Page - Exar Corporation XRT7250 Datasheet HTML 221Page - Exar Corporation XRT7250 Datasheet HTML 222Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
199
2. Compute the even-parity over all bits, within a
given outbound DS3 frame, and insert this value
into the “P” bits within the very next outbound
DS3 frame.
3. Transmit this resulting DS3 data stream to the
remote terminal equipment.
Processing at the Sink Terminal
The Sink Terminal Equipment (located at the opposite
edge of the wide-area-network, from the Source Ter-
minal Equipment) will receive and terminate this DS3
data stream. As the Sink Terminal Equipment re-
ceives this DS3 data stream it will also do the follow-
ing.
1. Compute and verify the “P”-bits within each
inbound DS3 frame.
2. Compute and verify the “CP” bits within each
inbound DS3 frame.
4.3.3
The Receive HDLC Controller Block
The Receive DS3 HDLC Controller block can be used
to receive either bit-oriented signaling (BOS) or mes-
sage-oriented signaling (MOS) type data link mes-
sages. The Receive DS3 HDLC Controller block can
also be configured to receive both types of message
from the remote terminal equipment.
Both BOS and MOS types of HDLC message pro-
cessing are discussed in detail below.
4.3.3.1
Bit-Oriented Signaling (or FEAC) Pro-
cessing via the Receive DS3 HDLC Controller.
The Receive DS3 HDLC Controller block consists of
two major sub-blocks
• The Receive FEAC Processor
• The LAPD Receiver
This section describes how to operate the Receive
FEAC Processor.
If the Receive DS3 Framer block is operating in the C-
bit Parity Framing format, then the FEAC bit-field
within the DS3 Frame can be used to receive FEAC
(Far End Alarm and Control) messages (See
Figure 84). Each FEAC code word is actually six bits
in length. However, this six bit FEAC Code word is
encapsulated with 10 framing bits to form a 16 bit
message of the form:
Where, [d5, d4, d3, d2, d1, d0] is the FEAC Code
word. The rightmost bit of the 16-bit data structure
(e.g., a 1) will be received first. Since each DS3
Frame contains only 1 FEAC bit-field, 16 DS3 Frames
are required to transmit the 16 bit FEAC code mes-
sage. The six bits, labeled “d5” through “d0” can rep-
resent 64 distinct messages, of which 43 have been
defined in the standards.
The Receive FEAC Processor frames and validates
the incoming FEAC data from the remote Transmit
FEAC Processor via the received FEAC channel. Ad-
ditionally, the Receive FEAC Processor will write the
Received FEAC code words into an 8 bit Rx-FEAC
register. Framing is performed by looking for two 0s
spaced 6 bits apart preceded by 8 1s. The Receive
DS3 HDLC Controller contains two registers that sup-
port FEAC Message Reception.
• Rx DS3 FEAC Register (Address = 0x16)
• Rx DS3 FEAC Interrupt Enable/Status Register
(Address = 0x17)
The Receive FEAC Processor generates an interrupt
upon validation and removal of the incoming FEAC
Code words.
Operation of the Receive DS3 FEAC Processor
The Receive FEAC Processor will validate or remove
FEAC code words that it receives from the remote
Transmit FEAC Processor. The FEAC Code Valida-
tion and Removal functions are described below.
FEAC Code Validation
When the remote terminal equipment wishes to send
a FEAC message to the Local Receive FEAC Proces-
sor, it (the remote terminal equipment) will transmit
this 16 bit message, repeatedly for a total of 10 times.
The Receive FEAC Processor will frame to this in-
coming FEAC Code Message, and will attempt to val-
idate this message. Once the Receive FEAC Proces-
sor has received the same FEAC code word in at
least 8 out of the last 10 received codes, it will vali-
date this code word by writing this 6 bit code word in-
to the Receive DS3 FEAC Register. The Receive
FEAC Processor will then inform the µC/µP of this
Receive FEAC validation event by generating a Rx
FEAC Valid interrupt and asserting the FEAC Valid
and the RxFEAC Valid Interrupt Status Bits in the Rx
DS3 Interrupt Enable/Status Register, as depicted
below. The Bit Format of the Rx DS3 FEAC Register
is presented below.
FEAC CODE WORD
FRAMING
0
d5
d4
d3
d2
d1
d0
0111111
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com