Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 217 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 217 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 213Page - Exar Corporation XRT7250 Datasheet HTML 214Page - Exar Corporation XRT7250 Datasheet HTML 215Page - Exar Corporation XRT7250 Datasheet HTML 216Page - Exar Corporation XRT7250 Datasheet HTML 217Page - Exar Corporation XRT7250 Datasheet HTML 218Page - Exar Corporation XRT7250 Datasheet HTML 219Page - Exar Corporation XRT7250 Datasheet HTML 220Page - Exar Corporation XRT7250 Datasheet HTML 221Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 463 page
background image
XRT7250
DS3/E3 FRAMER IC
áç
áç
áç
áç
REV. 1.1.1
198
The Source Terminal Equipment (located at one edge
of the wide-area network) will typically receive its DS3
payload data from some Customer Premise Equip-
ment (CPE). As the Source Terminal Equipment re-
ceives this data from the CPE, it will compute the
even-parity value over all bits within a given outbound
DS3 frame. The Terminal Equipment will then insert
this even parity value into both of the P-bit fields and
both of the CP-bits fields, within the very next out-
bound DS3 frame.
Hence, both the P-bit values and CP-bit values will
originate at the Source Terminal Equipment.
Processing at the Mid-Network Terminal Equip-
ment
The Mid-Network Terminal Equipment has the task of
doing the following.
• Receiving a DS3 data stream, via the Receive
WAN Interface Line Card.
• Transmitting this same DS3 data stream (out to
another Remote Terminal Equipment) via the
Transmit WAN Interface Line Card.
Figure 83 presents an illustration of the basic archi-
tecture of the Mid-Network Terminal Equipment.
Operation of the Receive WAN Interface Line Card
The Receive WAN Interface line card receives a DS3
data stream from some remote Terminal Equipment.
As the Receive WAN Interface card does this, it will
also do the following:
1. Compute and verify the “P-Bits” of each inbound
DS3 frame.
2. Compute and verify the “CP-Bits” of each
inbound DS3 frame.
3. Output both the payload and overhead bits to the
system back-plane.
Operation of the Transmit WAN Interface Line
Card
The Transmit WAN Interface Line Card receives the
outbound DS3 data stream from the system back-
plane. As the Transmit WAN Interface Line Card re-
ceives this data it will also do the following.
1. Extract out the “CP-bit” values, from the Receive
WAN Interface line card (via the system back-
plane) and insert these values into the CP-bit
fields, within the outbound DS3 data stream, via
the Transmit Overhead Data Input Interface block
of the XRT7250 Framer IC.
FIGURE 83. ILLUSTRATION OF THE PRESUMED CONFIGURATION OF THE MID-NETWORK TERMINAL EQUIPMENT
The Receiving
DS3 Line Card
The Receiving
DS3 Line Card
The Transmitting
DS3 Line Card
The Transmitting
DS3 Line Card
System Back-plane
DS3 Traffic
from “Source”
Terminal
Equipment
DS3 Traffic to
“Sink” Terminal
Equipment
The Mid-Network Terminal Equipment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com