Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 220 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 220 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 216Page - Exar Corporation XRT7250 Datasheet HTML 217Page - Exar Corporation XRT7250 Datasheet HTML 218Page - Exar Corporation XRT7250 Datasheet HTML 219Page - Exar Corporation XRT7250 Datasheet HTML 220Page - Exar Corporation XRT7250 Datasheet HTML 221Page - Exar Corporation XRT7250 Datasheet HTML 222Page - Exar Corporation XRT7250 Datasheet HTML 223Page - Exar Corporation XRT7250 Datasheet HTML 224Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
201
NOTES:
1. The white (e.g., unshaded) boxes reflect tasks that
the user’s system must perform in order to config-
ure the Receive FEAC Processor to receive FEAC
messages.
2. A brief description of the steps that must exist
within the FEAC Validation and FEAC Removal
Interrupt Service Routines exists in Section 3.6
4.3.3.2
The Message Oriented Signaling (e.g.,
LAP-D) Processing via the Receive DS3 HDLC
Controller block
The LAPD Receiver (within the Receive DS3 HDLC
Controller block) allows the user to receive PMDL
messages from the remote terminal equipment, via
the inbound DS3 frames. In this case, the inbound
message bits will be carried by the 3 DL bit-fields of
F-Frame 5, within each DS3 M-Frame. The remote
LAPD Transmitter will transmit a LAPD Message to
the Near-End Receiver via these three bits within
each DS3 Frame. The LAPD Receiver will receive
and store the information portion of the received
LAPD frame into the Receive LAPD Message Buffer,
which is located at addresses: 0xDE through 0x135
within the on-chip RAM. The LAPD Receiver has the
following responsibilities.
• Framing to the incoming LAPD Messages
• Filtering out stuffed 0s (within the information pay-
load)
• Storing the Frame Message into the Receive LAPD
Message Buffer
• Perform Frame Check Sequence (FCS) Verification
• Provide status indicators for
End of Message (EOM)
Flag Sequence Byte detected
Abort Sequence detected
Message Type
C/R Type
The occurrence of FCS Errors
FIGURE 84. FLOW DIAGRAM DEPICTING HOW THE RECEIVE FEAC PROCESSOR FUNCTIONS
START
START
ENABLE THE “FEAC REMOVAL AND
“VALIDATION” INTERRUPTS.
This is accomplished by writing “xxxx 1010” into the
“RxDS3 FEAC Interrupt/Status Register (Address = 0x17)
ENABLE THE “FEAC REMOVAL AND
“VALIDATION” INTERRUPTS.
This is accomplished by writing “xxxx 1010” into the
“RxDS3 FEAC Interrupt/Status Register (Address = 0x17)
RECEIVE FEAC PROCESSOR BEGINS READING IN
THE FEAC BIT-FIELDS (OF INCOMING DS3 FRAMES)
The Receive FEAC Processor checks for the “FEAC Framing
Alignment” pattern of “01111110”.
RECEIVE FEAC PROCESSOR BEGINS READING IN
THE FEAC BIT-FIELDS (OF INCOMING DS3 FRAMES)
The Receive FEAC Processor checks for the “FEAC Framing
Alignment” pattern of “01111110”.
Is the
“FEAC Framing
Alignment”pattern
present in the FEAC
Channel
?
Is the
“FEAC Framing
Alignment”pattern
present in the FEAC
Channel
?
READ IN THE “6-BIT FEAC CODE WORD”
The 6-bit FEAC Code Word immediately follows the “FEAC
Framing Alignment” Pattern.
READ IN THE “6-BIT FEAC CODE WORD”
The 6-bit FEAC Code Word immediately follows the “FEAC
Framing Alignment” Pattern.
Has this
same FEAC
Code Word been
Received in 8 out of the last
10 FEAC Message
Receptions?
Has this
same FEAC
Code Word been
Received in 8 out of the last
10 FEAC Message
Receptions?
Has a FEAC
Code Word (other than
the last “Validated Code Word)
been Received in 3 out of the last
10 FEAC Message
Receptions?
Has a FEAC
Code Word (other than
the last “Validated Code Word)
been Received in 3 out of the last
10 FEAC Message
Receptions?
GENERATE “FEAC
VALIDATION” INTERRUPT
GENERATE “FEAC
VALIDATION” INTERRUPT
INVOKE “FEAC VALIDATION”
INTERRUPTSERVICE ROUTINE.
INVOKE “FEAC VALIDATION”
INTERRUPTSERVICE ROUTINE.
GENERATE “FEAC
REMOVAL” INTERRUPT
GENERATE “FEAC
REMOVAL” INTERRUPT
INVOKE “FEAC REMOVAL”
INTERRUPTSERVICE ROUTINE.
INVOKE “FEAC REMOVAL”
INTERRUPTSERVICE ROUTINE.
1
1
1
1
1
1
NO
YES
YES
NO
NO
YES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com