Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 224 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 224 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 220Page - Exar Corporation XRT7250 Datasheet HTML 221Page - Exar Corporation XRT7250 Datasheet HTML 222Page - Exar Corporation XRT7250 Datasheet HTML 223Page - Exar Corporation XRT7250 Datasheet HTML 224Page - Exar Corporation XRT7250 Datasheet HTML 225Page - Exar Corporation XRT7250 Datasheet HTML 226Page - Exar Corporation XRT7250 Datasheet HTML 227Page - Exar Corporation XRT7250 Datasheet HTML 228Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
205
The DS3 frame consists of 4760 bits. Of these bits,
4704 bits are payload bits and the remaining 56 bits
are overhead bits. The XRT7250 has been designed
to handle and process both the payload type and
overhead type bits for each DS3 frame.
The Receive Payload Data Output Interface block,
within the Receive Section of the XRT7250, has
been designed to handle the payload bits. Likewise,
the Receive Overhead Data Output Interface block
has been designed to handle and process the over-
head bits.
The Receive Overhead Data Output Interface block
unconditionally outputs the contents of all overhead
bits within the incoming DS3 data stream. The
XRT7250 does not offer the user a means to shut off
this transmission of data. However, the Receive
Overhead Output Interface block does provide the us-
er with the appropriate output signals for external Da-
ta Link Layer equipment to sample and process these
overhead bits, via the following two methods.
• Method 1- Using the RxOHClk clock signal.
• Method 2 - Using the RxClk and RxOHEnable out-
put signals.
Each of these methods are described below.
4.3.4.1
Method 1 - Using the RxOHClk Clock
signal
The Receive Overhead Data Output Interface block
consists of four (4) signals. Of these four signals, the
following three signals are to be used when sampling
the DS3 overhead bits via Method 1.
• RxOH
• RxOHClk
• RxOHFrame
Each of these signals are listed and described below
in Table 41.
FIGURE 87. A SIMPLE ILLUSTRATION OF THE RECEIVE OVERHEAD OUTPUT INTERFACE BLOCK
Receive Overhead
Output Interface
Block
Receive Overhead
Output Interface
Block
From Receive
DS3 Framer Block
RxOHFrame
RxOH
RxOHClk
RxOHEnable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com