Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 228 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 228 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 224Page - Exar Corporation XRT7250 Datasheet HTML 225Page - Exar Corporation XRT7250 Datasheet HTML 226Page - Exar Corporation XRT7250 Datasheet HTML 227Page - Exar Corporation XRT7250 Datasheet HTML 228Page - Exar Corporation XRT7250 Datasheet HTML 229Page - Exar Corporation XRT7250 Datasheet HTML 230Page - Exar Corporation XRT7250 Datasheet HTML 231Page - Exar Corporation XRT7250 Datasheet HTML 232Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 463 page
background image
áç
áç
áç
áç
DS3/E3 FRAMER IC
XRT7250
REV. 1.1.1
209
Figure 89 presents the typical behavior of the Re-
ceive Overhead Data Output Interface block, when
Method 1 is being used to sample the incoming DS3
overhead bits.
38
DL
39
F1
40
M1
41
F1
42
UDL
43
FO
44
UDL
45
FO
46
UDL
47
F1
48
M0
49
F1
50
UDL
51
F0
52
UDL
53
F0
54
UDL
55
F1
TABLE 42: THE RELATIONSHIP BETWEEN THE NUMBER OF RISING CLOCK EDGES IN RXOHCLK, (SINCE
RXOHFRAME WAS LAST SAMPLED "HIGH") TO THE DS3 OVERHEAD BIT, THAT IS BEING OUTPUT VIA THE RXOH
OUTPUT PIN
NUMBER OF RISING CLOCK EDGES IN RXOHCLK
THE OVERHEAD BIT BEING OUTPUT BY THE
XRT7250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com