Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 225 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 225 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 221Page - Exar Corporation XRT7250 Datasheet HTML 222Page - Exar Corporation XRT7250 Datasheet HTML 223Page - Exar Corporation XRT7250 Datasheet HTML 224Page - Exar Corporation XRT7250 Datasheet HTML 225Page - Exar Corporation XRT7250 Datasheet HTML 226Page - Exar Corporation XRT7250 Datasheet HTML 227Page - Exar Corporation XRT7250 Datasheet HTML 228Page - Exar Corporation XRT7250 Datasheet HTML 229Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 463 page
background image
XRT7250
DS3/E3 FRAMER IC
áç
áç
áç
áç
REV. 1.1.1
206
Interfacing the Receive Overhead Data Output In-
terface block to the Terminal Equipment (Method
1)
Figure 88 illustrates how one should interface the Re-
ceive Overhead Data Output Interface block to the
Terminal Equipment when using Method 1 to sample
and process the overhead bits from the inbound DS3
data stream.
TABLE 41: LISTING AND DESCRIPTION OF THE PIN ASSOCIATED WITH THE RECEIVE OVERHEAD DATA OUTPUT
INTERFACE BLOCK
SIGNAL NAME
TYPE
DESCRIPTION
RxOH
Output
Receive Overhead Data Output pin:
The XRT7250 will output the overhead bits, within the incoming DS3 frames, via this pin.
The Receive Overhead Data Output Interface block will output a given overhead bit, upon the
falling edge of RxOHClk. Hence, the external data link equipment should sample the data, at
this pin, upon the rising edge of RxOHClk.
The XRT7250 will always output the DS3 Overhead bits via this output pin. There are no
external input pins or register bit settings available that will disable this output pin.
RxOHClk
Output
Receive Overhead Data Output Interface Clock Signal:
The XRT7250 will output the Overhead bits (within the incoming DS3 frames), via the RxOH
output pin, upon the falling edge of this clock signal.
As a consequence, the user's data link equipment should use the rising edge of this clock sig-
nal to sample the data on both the RxOH and RxOHFrame output pins.
This clock signal is always active.
RxOHFrame
Output
Receive Overhead Data Output Interface - Start of Frame Indicator:
The XRT7250 will drive this output pin "High" (for one period of the RxOHClk signal), when-
ever the first overhead bit within a given DS3 frame is being driven onto the RxOH output pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com