Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 211 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 211 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 207Page - Exar Corporation XRT7250 Datasheet HTML 208Page - Exar Corporation XRT7250 Datasheet HTML 209Page - Exar Corporation XRT7250 Datasheet HTML 210Page - Exar Corporation XRT7250 Datasheet HTML 211Page - Exar Corporation XRT7250 Datasheet HTML 212Page - Exar Corporation XRT7250 Datasheet HTML 213Page - Exar Corporation XRT7250 Datasheet HTML 214Page - Exar Corporation XRT7250 Datasheet HTML 215Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 463 page
background image
XRT7250
DS3/E3 FRAMER IC
áç
áç
áç
áç
REV. 1.1.1
192
Whenever the Receive DS3 Framer block declares
OOF after being in the In-Frame State the following
will happen.
• The Receive DS3 Framer will assert the RxOOF
output pin (e.g., toggles it "High").
• Bit 4 (RxOOF) within the Rx DS3 Configuration and
Status Register will be set to "1" as depicted below.
Rx DS3 Configuration and Status Register, (Address
= 0x10)
• The Receive DS3 Framer block will also issue a
Change in OOF Status interrupt request, anytime
there is a change in the OOF status.
4.3.2.3
Forcing a Reframe via Software Com-
mand
The Framer IC permits the user to force a reframe
procedure of the Receive DS3 Framer block via soft-
ware command. If the user writes a "1" into Bit 0 the
I/O Control Register, as depicted below, then the Re-
ceive DS3 Framer will be forced into the Frame Acqui-
sition Mode, (or more specifically, in the F-Bit Search
State per Figure 81). Afterwards, the Receive DS3
Framer block will begin its search for valid F-Bits. The
Framer IC will also respond to this command by as-
serting the RxOOF output pin, and generating a
Change in OOF Status interrupt.
4.3.2.4
Performance Monitoring of the Receive
DS3 Framer block
The user can monitor the number of framing bit errors
(M and F bits) that have been detected by the Re-
ceive DS3 Framer block. This is accomplished by pe-
riodically reading the PMON Framing Bit Error Count
Registers (Address = 0x52 and 0x53), as depicted
below.
When the µP/µC reads these registers, it will read in
the number of framing bit errors that have been de-
tected since the last read of these two registers.
These registers are reset upon read.
4.3.2.5
DS3 Receive Alarms
RX DS3 CONFIGURATION AND STATUS REGISTER, (ADDRESS = 0X10)
BIT 7BIT 6BIT 5
BIT 4BIT 3BIT2BIT 1BIT 0
RxAIS
RxLOS
RxIdle
RxOOF
Int LOS
Disable
Framing on
Parity
F-Sync Algo
M-Sync Algo
R/O
R/O
R/O
R/O
R/W
R/W
R/W
R/W
XX
X
XXX
XX
I/O CONTROL REGISTER (ADDRESS = 0X01)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT2BIT 1
BIT 0
Disable
TxLOC
LOC
Disable
RxLOC
AMI/ZeroSup*
Unipolar/
Bipolar*
TxLine CLK
Invert
RxLine CLK
Invert
Reframe
R/W
RO
R/W
R/W
R/W
R/W
R/W
R/W
10
100
00
0
PMON FRAMING BIT ERROR EVENT COUNT REGISTER - MSB (ADDRESS = 0X52)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT2BIT 1BIT 0
F-Bit Error Count - High Byte
RO
RO
RO
RO
RO
RO
RO
RO
10
100
000
PMON FRAMING BIT ERROR EVENT COUNT REGISTER - LSB (ADDRESS = 0X53)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT2BIT 1BIT 0
F-Bit Error Count - Low Byte
RO
RO
RO
RO
RO
RO
RO
RO
00
000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com