Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 372 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 372 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 368Page - Exar Corporation XRT7250 Datasheet HTML 369Page - Exar Corporation XRT7250 Datasheet HTML 370Page - Exar Corporation XRT7250 Datasheet HTML 371Page - Exar Corporation XRT7250 Datasheet HTML 372Page - Exar Corporation XRT7250 Datasheet HTML 373Page - Exar Corporation XRT7250 Datasheet HTML 374Page - Exar Corporation XRT7250 Datasheet HTML 375Page - Exar Corporation XRT7250 Datasheet HTML 376Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 372 / 463 page
background image
áç
áç
áç
áç
XRT7250
DS3/E3 FRAMER IC
REV. 1.1.1
353
The E3, ITU-T G.832 Frame consists of 537 bytes.
Of these bytes, 530 bytes are payload bytes and the
remaining 7 are overhead bytes. The XRT7250 has
been designed to handle and process both the pay-
load type and overhead type bits for each E3 frame.
Within the Transmit Section within the XRT7250, the
Transmit Payload Data Input Interface has been de-
signed to handle the payload data. Likewise, the
Transmit Overhead Input Interface has been designed
to handle and process the overhead bits.
The Transmit Section of the XRT7250 generates or
processes the various overhead bits within the E3
frame, in the following manner.
The Frame Alignment Overhead Bytes (e.g., the
“FA1” and “FA2” bytes)
The "FA1" and "FA2" bytes are always internally gen-
erated by the Transmit Section of the XRT7250.
Hence, the user cannot insert his/her value for the
"FA1" and "FA2" bytes into the Outbound DS3 data
stream, via the Transmit Overhead Data Input Inter-
face.
The Error Monitoring (EM) Overhead Byte
The EM byte is always internally generated by the
Transmit Section of the XRT7250. Hence, the user
cannot insert his/her value for the EM byte into the
Outbound E3 data stream, via the Transmit Overhead
Data Input Interface.
The Alarm and signaling related Overhead bytes
Bytes that are used to transport the alarm conditions
can be either internally generated by the Transmit
Section within the XRT7250, or can be externally
generated and inserted into the Outbound E3 data
stream, via the Transmit Overhead Data Input Inter-
face. The E3 frame overhead bits that fall into this
category are:
• The "MA” byte
• The "TR” byte
The Data Link Related Overhead Bits
The E3 frame structure also contains bits which can
be used to transport User Data Link information and
Path Maintenance Data Link information. The UDL
(User Data Link) bits are only accessible via the
Transmit Overhead Data Input Interface. The Path
FIGURE 169. SIMPLE ILLUSTRATION OF THE TRANSMIT OVERHEAD DATA INPUT INTERFACE BLOCK
Transmit
Overhead
Data Input
Interface Block
Transmit
Overhead
Data Input
Interface Block
TxOHFrame
TxOHEnable
TxOH
TxOHClk
TxOHIns
To Transmit E3 Framer Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com