Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 376 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 376 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 372Page - Exar Corporation XRT7250 Datasheet HTML 373Page - Exar Corporation XRT7250 Datasheet HTML 374Page - Exar Corporation XRT7250 Datasheet HTML 375Page - Exar Corporation XRT7250 Datasheet HTML 376Page - Exar Corporation XRT7250 Datasheet HTML 377Page - Exar Corporation XRT7250 Datasheet HTML 378Page - Exar Corporation XRT7250 Datasheet HTML 379Page - Exar Corporation XRT7250 Datasheet HTML 380Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 376 / 463 page
background image
áç
áç
áç
áç
XRT7250
DS3/E3 FRAMER IC
REV. 1.1.1
357
Interfacing the Transmit Overhead Data Input In-
terface to the Terminal Equipment.
Figure 170 illustrates how one should interface the
Transmit Overhead Data Input Interface to the Termi-
nal Equipment, when using Method 1.
Method 1 Operation of the Terminal Equipment
If the Terminal Equipment intends to insert any over-
head data into the Outbound E3 data stream, (via the
Transmit Overhead Data Input Interface), then it is ex-
pected to do the following.
1. To sample the state of the TxOHFrame signal
(e.g., the Tx_Start_of_Frame input signal) on the
rising edge of the TxOHClk (e.g., the
E3_OH_Clock_In signal).
2. To keep track of the number of rising clock edges
that have occurred, via the TxOHClk (e.g., the
E3_OH_Clock_In signal) since the last time the
TxOHFrame signal was sampled "High". By
doing this the Terminal Equipment will be able to
keep track of which overhead bit is being pro-
cessed by the Transmit Overhead Data Input
Interface block at any given time. When the Ter-
minal Equipment knows which overhead bit is
being processed, at a given TxOHClk period, it
will know when to insert a desired overhead bit
value into the Outbound E3 data stream. From
this, the Terminal Equipment will know when it
should assert the TxOHIns input pin and place
the appropriate value on the TxOH input pin (of
the XRT7250).
Table 73 relates the number of rising clock edges (in
the TxOHClk signal, since TxOHFrame was sampled
"High") to the E3 Overhead Bit, that is being pro-
cessed.
FIGURE 170. ILLUSTRATION OF THE TERMINAL EQUIPMENT BEING INTERFACED TO THE TRANSMIT OVERHEAD DATA
INPUT INTERFACE (METHOD 1)
Terminal Equipment
XRT7250 E3 Framer
E3_OH_Out]
E3_OH_Clock_In
Tx_Start_of_Frame
TxOHClk
TxOHFrame
TxOHIns
34.368 MHz Clock Source
TxInClk
TxOH
Insert_OH
RxLineClk
34.368 MHz
Clock Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com