Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 377 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 377 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 373Page - Exar Corporation XRT7250 Datasheet HTML 374Page - Exar Corporation XRT7250 Datasheet HTML 375Page - Exar Corporation XRT7250 Datasheet HTML 376Page - Exar Corporation XRT7250 Datasheet HTML 377Page - Exar Corporation XRT7250 Datasheet HTML 378Page - Exar Corporation XRT7250 Datasheet HTML 379Page - Exar Corporation XRT7250 Datasheet HTML 380Page - Exar Corporation XRT7250 Datasheet HTML 381Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 377 / 463 page
background image
XRT7250
áç
áç
áç
áç
DS3/E3 FRAMER IC
REV. 1.1.1
358
TABLE 73: THE RELATIONSHIP BETWEEN THE NUMBER OF RISING CLOCK EDGES IN TXOHCLK, (SINCE
"TXOHFRAME" WAS LAST SAMPLED "HIGH") TO THE E3 OVERHEAD BIT, THAT IS BEING PROCESSED
NUMBER OF RISING CLOCK EDGES IN
TXOHCLK
THE OVERHEAD BIT EXPECTED BY THE
"XRT7250"
CAN THIS OVERHEAD BIT BE ACCEPTED BY
THE
XRT7250?
0 (Clock edge is coincident with TxO-
HFrame being detected “High”)
FA1 Byte - Bit 7
No
1
FA1 Byte - Bit 6
No
2
FA1 Byte - Bit 5
No
3
FA1 Byte - Bit 4
No
4
FA1 Byte - Bit 3
No
5
FA1 Byte - Bit 2
No
6
FA1 Byte - Bit 1
No
7
FA1 Byte - Bit 0
No
8
FA2 Byte - Bit 7
No
9
FA2 Byte - Bit 6
No
10
FA2 Byte - Bit 5
No
11
FA2 Byte - Bit 4
No
12
FA2 Byte - Bit 3
No
13
FA2 Byte - Bit 2
No
14
FA2 Byte - Bit 1
No
15
FA2 Byte - Bit 0
No
16
EM Byte - Bit 7
No
17
EM Byte - Bit 6
No
18
EM Byte - Bit 5
No
19
EM Byte - Bit 4
No
20
EM Byte - Bit 3
No
21
EM Byte - Bit 2
No
22
EM Byte - Bit 1
No
23
EM Byte - Bit 0
No
24
TR Byte - Bit 7
Yes
25
TR Byte - Bit 6
Yes
26
TR Byte - Bit 5
Yes
27
TR Byte - Bit 4
Yes
28
TR Byte - Bit 3
Yes
29
TR Byte - Bit 2
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com