Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 378 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 378 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 374Page - Exar Corporation XRT7250 Datasheet HTML 375Page - Exar Corporation XRT7250 Datasheet HTML 376Page - Exar Corporation XRT7250 Datasheet HTML 377Page - Exar Corporation XRT7250 Datasheet HTML 378Page - Exar Corporation XRT7250 Datasheet HTML 379Page - Exar Corporation XRT7250 Datasheet HTML 380Page - Exar Corporation XRT7250 Datasheet HTML 381Page - Exar Corporation XRT7250 Datasheet HTML 382Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 378 / 463 page
background image
áç
áç
áç
áç
XRT7250
DS3/E3 FRAMER IC
REV. 1.1.1
359
3. After the Terminal Equipment has waited the
appropriate number of clock edges (from the
TxOHFrame signal being sampled "High"), it
should assert the TxOHIns input signal. Concur-
rently, the Terminal Equipment should also place
the appropriate value (of the inserted overhead
bit) onto the TxOH signal.
4. The Terminal Equipment should hold both the
TxOHIns input pin "High" and the value of the
TxOH signal, stable until the next rising edge of
TxOHClk is detected.
Case Study: The Terminal Equipment intends to
insert the appropriate overhead bits into the
Transmit Overhead Data Input Interface (using
30
TR Byte - Bit 1
Yes
31
TR Byte - Bit 0
Yes
32
MA Byte - Bit 7
Yes (FERF Bit)
33
MA Byte - Bit 6
Yes (FEBE Bit)
34
MA Byte - Bit 5
Yes
35
MA Byte - Bit 4
Yes
36
MA Byte - Bit 3
Yes
37
MA Byte - Bit 2
Yes
38
MA Byte - Bit 1
Yes
39
MA Byte - Bit 0
Yes
40
NR Byte - Bit 7
Yes
41
NR Byte - Bit 6
Yes
42
NR Byte - Bit 5
Yes
43
NR Byte - Bit 4
Yes
44
NR Byte - Bit 3
Yes
45
NR Byte - Bit 2
Yes
46
NR Byte - Bit 1
Yes
47
NR Byte - Bit 0
Yes
48
GC Byte - Bit 7
Yes
49
GC Byte - Bit 6
Yes
50
GC Byte - Bit 5
Yes
51
GC Byte - Bit 4
Yes
52
GC Byte - Bit 3
Yes
53
GC Byte - Bit 2
Yes
54
GC Byte - Bit 1
Yes
55
GC Byte - Bit 0
Yes
TABLE 73: THE RELATIONSHIP BETWEEN THE NUMBER OF RISING CLOCK EDGES IN TXOHCLK, (SINCE
"TXOHFRAME" WAS LAST SAMPLED "HIGH") TO THE E3 OVERHEAD BIT, THAT IS BEING PROCESSED
NUMBER OF RISING CLOCK EDGES IN
TXOHCLK
THE OVERHEAD BIT EXPECTED BY THE
"XRT7250"
CAN THIS OVERHEAD BIT BE ACCEPTED BY
THE
XRT7250?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com