Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 379 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 379 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 375Page - Exar Corporation XRT7250 Datasheet HTML 376Page - Exar Corporation XRT7250 Datasheet HTML 377Page - Exar Corporation XRT7250 Datasheet HTML 378Page - Exar Corporation XRT7250 Datasheet HTML 379Page - Exar Corporation XRT7250 Datasheet HTML 380Page - Exar Corporation XRT7250 Datasheet HTML 381Page - Exar Corporation XRT7250 Datasheet HTML 382Page - Exar Corporation XRT7250 Datasheet HTML 383Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 379 / 463 page
background image
XRT7250
áç
áç
áç
áç
DS3/E3 FRAMER IC
REV. 1.1.1
360
Method 1) in order to transmit a Yellow Alarm to
the remote terminal equipment.
In this example, the Terminal Equipment intends to in-
sert the appropriate overhead bits, into the Transmit
Overhead Data Input Interface, such that the
XRT7250 will transmit a Yellow Alarm to the remote
terminal equipment. Recall that, for E3 Applications,
a Yellow Alarm is transmitted by setting the FERF bit
(within the MA Byte) to "0".
If one assumes that the connection between the Ter-
minal Equipment and the XRT7250 are as illustrated
in Figure 170 then Figure 171 presents an illustration
of the signaling that must go on between the Terminal
Equipment and the XRT7250.
In Figure 171 the Terminal Equipment samples the
TxOHFrame signal being "High" at rising clock edge #
“0". From this point, the Terminal Equipment waits
until it has detected 32 rising edges in the TxOHClk
signal. At this point, the Terminal Equipment knows
that the XRT7250 is just about to process the FERF
bit within the MA byte (in a given Outbound E3
frame). Additionally, according to Table 73, the 32nd
overhead bit to be processed is the FERF bit. In or-
der to facilitate the transmission of the Yellow Alarm,
the Terminal Equipment must set this FERF bit to "1".
Hence, the Terminal Equipment starts this process by
implementing the following steps concurrently.
a. Assert the TxOHIns input pin by setting it "High".
b. Set the TxOH input pin to "0".
After the Terminal Equipment has applied these sig-
nals, the XRT7250 will sample the data on both the
TxOHIns and TxOH signals upon the very next falling
edge of TxOHClk (designated at 32- in Figure 171).
Once the XRT7250 has sampled this data, it will then
insert a "1" into the FERF bit position, in the Out-
bound E3 frame.
Upon detection of the very next rising edge of the Tx-
OHClk clock signal (designated as clock edge 1 in
Figure 171), the Terminal Equipment will negate the
TxOHIns signal (e.g., toggles it "Low") and will cease
inserting data into the Transmit Overhead Data Input
Interface.
6.2.2.2
Method 2 - Using the TxInClk and
TxOHEnable Signals
Method 1 requires the use of an additional clock sig-
nal, TxOHClk. However, there may be a situation in
which the user does not wish to add this extra clock
signal to their design, in order to use the Transmit
Overhead Data Input Interface. Hence, Method 2 is
available. When using Method 2, either the TxInClk
or RxOutClk signal is used to sample the overhead
bits and signals which are input to the Transmit Over-
FIGURE 171. ILLUSTRATION OF THE SIGNAL THAT MUST OCCUR BETWEEN THE TERMINAL EQUIPMENT AND THE
XRT7250, IN ORDER TO CONFIGURE THE XRT7250 TO TRANSMIT A YELLOW ALARM TO THE REMOTE TERMINAL
EQUIPMENT
Terminal Equipment/XRT7250 Interface Signals
TxOHClk
TxOHIns
TxOHFrame
TxOH
Remaining Overhead Bits with E3 Frame
MA, Bit 7
TxOHFrame is sample “high”
Terminal Equipment asserts TxOHIns and
Data on TxOH line.
0
1
26
27
28
29
30
31
32
XRT7250 Framer device samples TxOHIns and
TxOHIns signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com