Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 374 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 374 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 370Page - Exar Corporation XRT7250 Datasheet HTML 371Page - Exar Corporation XRT7250 Datasheet HTML 372Page - Exar Corporation XRT7250 Datasheet HTML 373Page - Exar Corporation XRT7250 Datasheet HTML 374Page - Exar Corporation XRT7250 Datasheet HTML 375Page - Exar Corporation XRT7250 Datasheet HTML 376Page - Exar Corporation XRT7250 Datasheet HTML 377Page - Exar Corporation XRT7250 Datasheet HTML 378Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 374 / 463 page
background image
áç
áç
áç
áç
XRT7250
DS3/E3 FRAMER IC
REV. 1.1.1
355
NOTES:
1. The XRT7250 contains mask register bits that per-
mit the user to alter the state of the internally gen-
erated value for these bits.
2. The Transmit LAPD Controller/Buffer can be config-
ured to be the source of the DL bits, within the Out-
bound E3 data stream.
In all, the Transmit Overhead Data Input Interface per-
mits the user to insert overhead data into the Out-
TR - Bit 3
No
Yes
Yes
TR - Bit 2
No
Yes
Yes
TR - Bit 1
No
Yes
Yes
TR - Bit 0
No
Yes
Yes
MA - Bit 7
Yes
Yes
Yes
MA - Bit 6
Yes
Yes
Yes
MA - Bit 5
Yes
Yes
Yes
MA - Bit 4
Yes
Yes
Yes
MA - Bit 3
Yes
Yes
Yes
MA - Bit 2
Yes
Yes
Yes
MA - Bit 1
Yes
Yes
Yes
MA - Bit 0
Yes
Yes
Yes
NR - Bit 7
No
Yes
Yes
NR - Bit 6
No
Yes
Yes
NR - Bit 5
No
Yes
Yes
NR - Bit 4
No
Yes
Yes
NR - Bit 3
No
Yes
Yes
NR - Bit 2
No
Yes
Yes
NR - Bit 1
No
Yes
Yes
NR - Bit 0
No
Yes
Yes
GC - Bit 7
No
Yes
Yes
GC - Bit 6
No
Yes
Yes
GC - Bit 5
No
Yes
Yes
GC - Bit 4
No
Yes
Yes
GC - Bit 3
No
Yes
Yes
GC - Bit 2
No
Yes
Yes
GC - Bit 1
No
Yes
Yes
GC - Bit 0
No
Yes
Yes
TABLE 71: A LISTING OF THE OVERHEAD BITS WITHIN THE E3 FRAME, AND THEIR POTENTIAL SOURCES, WITHIN THE
XRT7250 IC
OVERHEAD BIT
INTERNALLY GENERATED
ACCESSIBLE VIA THE TRANSMIT OVERHEAD
DATA INPUT INTERFACE
BUFFER/REGISTER
ACCESSIBLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com