Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 384 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 384 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 380Page - Exar Corporation XRT7250 Datasheet HTML 381Page - Exar Corporation XRT7250 Datasheet HTML 382Page - Exar Corporation XRT7250 Datasheet HTML 383Page - Exar Corporation XRT7250 Datasheet HTML 384Page - Exar Corporation XRT7250 Datasheet HTML 385Page - Exar Corporation XRT7250 Datasheet HTML 386Page - Exar Corporation XRT7250 Datasheet HTML 387Page - Exar Corporation XRT7250 Datasheet HTML 388Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 384 / 463 page
background image
áç
áç
áç
áç
XRT7250
DS3/E3 FRAMER IC
REV. 1.1.1
365
Method 2) in order to transmit a Yellow Alarm to
the remote terminal equipment.
In this case, the Terminal Equipment intends to insert
the appropriate overhead bits, into the Transmit Over-
head Data Input Interface such that the XRT7250 will
transmit a Yellow Alarm to the remote terminal equip-
ment. Recall that, for E3, ITU-T G.832 applications, a
Yellow Alarm is transmitted by setting the FERF bit
(within the MA byte) to "1".
If one assumes that the connection between the Ter-
minal Equipment and the XRT7250 is as illustrated in
Figure 172 then, Figure 173 presents an illustration of
the signaling that must go on between the Terminal
Equipment and the XRT7250.
6.2.3
The Transmit E3 HDLC Controller
The Transmit E3 HDLC Controller block can be used
to transport Message-Oriented Signaling (MOS) type
messages to the remote terminal equipment as dis-
cussed in detail below.
NOTE: While executing this particular write operation, the
user should write the binary value "000xx110b" into the Tx
Controller block), please see Section 5.3.3.1.
6.2.3.1
Message-Oriented Signaling (e.g.,
LAP-D) processing via the Transmit DS3 HDLC
Controller
The LAPD Transmitter (within the Transmit E3 HDLC
Controller Block) allows the user to transmit path
maintenance data link (PMDL) messages to the re-
mote terminal via the Outbound E3 Frames. In this
case the message bits are either inserted into and
carried by the “NR” or the “GC” bytes, within the Out-
bound E3 frames. The on-chip LAPD transmitter sup-
ports both the 76 byte and 82 byte length message
formats, and the Framer IC allocates 88 bytes of on-
chip RAM (e.g., the Transmit LAPD Message buffer)
to store the message to be transmitted. The mes-
sage format complies with ITU-T Q.921 (LAP-D) pro-
tocol with different addresses and is presented below
in Figure 174.
FIGURE 173. BEHAVIOR OF TRANSMIT OVERHEAD DATA INPUT INTERFACE SIGNALS BETWEEN THE XRT7250 AND
THE
TERMINAL EQUIPMENT (FOR METHOD 2)
TxInClk
TxOHFrame
TxOHEnable
TxOHIns
TxOH
Terminal Equipment
samples “TxOHFrame” and
“TxOHEnable” being “HIGH”
Terminal Equipment counts the number of
TxOHEnable pulses. At “pulse # 32” the Terminal
Equipment asserts the “TxOHIns” signal and places the
desired data on TxOH.
XRT7250 samples TxOH
here.
TxOHEnable Pulse # 32
MA Byte, Bit 7
TxOHEnable Pulse # 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com