Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 386 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 386 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 382Page - Exar Corporation XRT7250 Datasheet HTML 383Page - Exar Corporation XRT7250 Datasheet HTML 384Page - Exar Corporation XRT7250 Datasheet HTML 385Page - Exar Corporation XRT7250 Datasheet HTML 386Page - Exar Corporation XRT7250 Datasheet HTML 387Page - Exar Corporation XRT7250 Datasheet HTML 388Page - Exar Corporation XRT7250 Datasheet HTML 389Page - Exar Corporation XRT7250 Datasheet HTML 390Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 386 / 463 page
background image
áç
áç
áç
áç
XRT7250
DS3/E3 FRAMER IC
REV. 1.1.1
367
Frame Check Sequence Bytes
The 16 bit FCS (Frame Check Sequence) is calculat-
ed over the LAPD Message Header and Information
Payload bytes, by using the CRC-16 polynomial, x16
+ x12 + x5 + 1.
Operation of the LAPD Transmitter
If a message is to be transmitted via the LAPD Trans-
mitter then, the information portion (or the body) of
the message must be written into the Transmit LAPD
Message Buffer, which is located at 0x86 through
0xDD in on-chip RAM via the Microprocessor Inter-
face. Afterwards, the user must do three things:
1. Specify the length of LAPD message to be trans-
mitted.
2. Specify which bit-field (within the E3 frame) that
the LAPD Message frame is to be transported on
(e.g., either the “GC” or the “NR” byte).
3. Specify whether the LAPD Transmitter should
transmit this LAPD Message frame only once, or
an indefinite number of times at One-Second
intervals.
4. Enable the LAPD Transmitter.
5. Initiate the Transmission of the PMDL Message.
Each of these steps will be discussed in detail.
STEP 1 - Specify the type of LAPD Message frame
to be Transmitted (within the Transmit LAPD Mes-
sage Buffer)
The user must write in a specific octet value into the
first octet position within the Transmit LAPD Buffer
(e.g., at Address Location 0x86 within the Framer IC).
This octet is referred to as the LAPD Message Frame
ID octet. The value of this octet must correspond to
the type of LAPD Message frame that is to be trans-
mitted. This octet will ultimately be used by the Re-
mote Terminal Equipment in order to help it identify
the type of LAPD message frame that it is receiving.
Table 76 lists these octets and the corresponding
LAPD Message types.
STEP 2 - Write the PMDL Message into the re-
maining part of the Transmit LAPD Message Buff-
er.
The user must now write in his/her PMDL Message
into the remaining portion of the Transmit LAPD Mes-
sage buffer (e.g., addresses 0x87 through 0x135
within the Framer IC).
STEP 3 - Specifying the Length of the LAPD Mes-
sage
One of two different sizes of LAPD Messages can be
transmitted, by writing the appropriate data to bit 1
within the Tx E3 LAPD Configuration Register. The
bit-format of this register is presented below.
The relationship between the contents of bit-fields 1
and the LAPD Message size is given in Table 77.
NOTE: The Message Type selected must correspond with
the contents of the first byte of the Information (Payload)
portion, as presented in Table 76.
STEP 4 - Specifying which byte-field (within the
E3 frame) that the LAPD Message frame octets
are to be transported on.
The Transmit E3 Framer block allows the user to
transport the LAPD Message frame octets via either
the “NR” byte or the “GC” byte-field, within each Out-
bound E3 frame. The user makes this selection by
writing the appropriate value to bit-field 4 (DLinNR),
TRANSMIT E3 LAPD CONFIGURATION REGISTER (ADDRESS = 0X33)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT2
BIT 1BIT 0
Not Used
Auto
Retransmit
Not Used
TxLAPD
Msg Length
TxLAPD
Enable
R/O
R/O
R/O
R/O
R/W
R/O
R/W
R/W
0
000
X
0
XX
TABLE 77: RELATIONSHIP BETWEEN TXLAPD MSG LENGTH AND THE LAPD MESSAGE SIZE
TXLAPD MESSAGE LENGTH
LAPD MESSAGE LENGTH
0
LAPD Message size is 76 bytes
1
LAPD Message size is 82 bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com