Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 390 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 390 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 386Page - Exar Corporation XRT7250 Datasheet HTML 387Page - Exar Corporation XRT7250 Datasheet HTML 388Page - Exar Corporation XRT7250 Datasheet HTML 389Page - Exar Corporation XRT7250 Datasheet HTML 390Page - Exar Corporation XRT7250 Datasheet HTML 391Page - Exar Corporation XRT7250 Datasheet HTML 392Page - Exar Corporation XRT7250 Datasheet HTML 393Page - Exar Corporation XRT7250 Datasheet HTML 394Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 390 / 463 page
background image
áç
áç
áç
áç
XRT7250
DS3/E3 FRAMER IC
REV. 1.1.1
371
Figure 176 presents the procedure (in white boxes)
which the user should use in order to transmit a PM-
DL Message via the LAPD Transmitter, when the
LAPD Transmitter is configured to transmit a LAPD
Message frame only once, and then halt transmis-
sion.
FIGURE 175. FLOW CHART DEPICTING HOW TO USE THE LAPD TRANSMITTER (LAPD TRANSMITTER IS CONFIGURED
TO RE
-TRANSMIT THE LAPD MESSAGE FRAME REPEATEDLY AT ONE-SECOND INTERVALS)
Start
Write the “LAPD Message frame identification”
octet into the first octet position within the
“Transmit LAPD Message” buffer (Address = 0x86).
Write the PMDL Message into the remaining
portion of the “Transmit LAPD Message” buffer
(from 0x87 to 0xDD).
Specify the type/size of the LAPD Message frame
to be transmitted.
Write in the appropriate value into bits 5 and 6
within the Tx E3 LAPD Configuration Register
Enable the LAPD Transmitter
Initiate the LAPD Message frame transmission.
Specify whether the “outbound” LAPD Message
frame is to be transported via the GC or the NR
byte-fields, within each “outbound” E3 Frame
LAPD Transmitter will generate a continuous
string of “Flag Sequence” bytes. These bytes will
be transported via either the GC or the NR byte
field (depending upon user’s selection).
LAPD Transmitter will “stuff” the contents of the
PMDL Message (residing within the “Transmit
LAPD Message” buffer).
LAPD Transmitter will read out “stuff” PMDL
Message and encapsulate it into a LAPD Message
frame.
LAPD Transmitter will compute and insert the
FCS value, into the LAPD Message frame.
LAPD Transmitter will fragment LAPD Message
frame into “octets” and begin to insert these octets into
the GC or NR byte-field (depending upon user’s
selection) into each “outbound” E3 frame.
Complete transmission of LAPD Message frame.
Generate “Completion of Transmission of LAPD
Message frame Interrupt.
Wait One Second. Generate a continuous
string of Flag Sequence Bytes
Configure the LAPD Transmitter to repeat transmissions
of the LAPD Message frame at one-second intervals.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com