Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 393 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 393 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 389Page - Exar Corporation XRT7250 Datasheet HTML 390Page - Exar Corporation XRT7250 Datasheet HTML 391Page - Exar Corporation XRT7250 Datasheet HTML 392Page - Exar Corporation XRT7250 Datasheet HTML 393Page - Exar Corporation XRT7250 Datasheet HTML 394Page - Exar Corporation XRT7250 Datasheet HTML 395Page - Exar Corporation XRT7250 Datasheet HTML 396Page - Exar Corporation XRT7250 Datasheet HTML 397Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 393 / 463 page
background image
XRT7250
áç
áç
áç
áç
DS3/E3 FRAMER IC
REV. 1.1.1
374
For E3 applications, the Transmit E3 Framer block au-
tomatically generates and inserts the framing align-
ment bytes (e.g., the "FA1” and “FA2” framing align-
ment bytes) into the Outbound E3 frames. Further,
the Transmit E3 Framer block will automatically com-
pute and insert the EM byte into the Outbound E3
frames. Hence, the Transmit E3 Framer block will not
accept data from the Transmit OH Data Input Inter-
face block for the "FA1”, “FA2” and “EM” bytes.
However, the Transmit E3 Framer block will accept
(and insert) data from the Transmit Overhead Data In-
put Interface for the following byte-fields.
• MA byte
• TR byte
• NR byte
• GC byte
If the user's local Data Link Equipment activates the
Transmit Overhead Data Input Interface block and
writes data into this interface for these bits or bytes,
then the Transmit E3 Framer block will insert this data
into the appropriate overhead bit/byte-fields, within
the Outbound E3 frames.
6.2.4.2
Detailed Functional Description of the
Transmit E3 Framer Block
The Transmit E3 Framer receives data from the fol-
lowing three sources and combines them together to
form a E3 data stream.
• The Transmit Payload Data Input Interface block.
• The Transmit Overhead Data Input Interface block
• The Transmit HDLC Controller block.
Afterwards, this E3 data stream will be routed to the
Transmit E3 LIU Interface block, for further process-
ing.
Figure 177 presents a simple illustration of the Trans-
mit E3 Framer block, along with the associated paths
to the other functional blocks within the chip.
In addition to taking data from multiple sources and
multiplexing them, in appropriate manner, to create
the Outbound E3 frames, the Transmit E3 Framer
block has the following roles.
• Generating Alarm Conditions
• Generating Errored Frames (for testing purposes)
• Routing Outbound E3 frames to the Transmit E3
LIU Interface block
Each of these additional roles are discussed below.
6.2.4.2.1
Generating Alarm Conditions
The Transmit E3 Framer block permits the user to, by
writing the appropriate data into the on-chip registers,
to override the data that is being written into the
Transmit Payload Data and Overhead Data Input In-
terfaces and transmit the following alarm conditions.
• Generate the Yellow Alarms (or FERF indicators)
• Manipulate the FERF-bit, within the MA byte (set
them to "0")
• Generate the AIS Pattern
• Generate the LOS pattern
• Generate FERF (Yellow) Alarms, in response to
detection of a Red Alarm condition (via the Receive
Section of the XRT7250).
FIGURE 177. A SIMPLE ILLUSTRATION OF THE TRANSMIT E3 FRAMER BLOCK AND THE ASSOCIATED PATHS TO
OTHER
FUNCTIONAL BLOCKS
Transmit
E3 Framer
Block
Transmit
E3 Framer
Block
Transmit HDLC
Controller/Buffer
Transmit Overhead
Data Input Interface
Transmit Payload Data
Input Interface
To Transmit E3 LIU Interface Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com