Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 389 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 389 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 385Page - Exar Corporation XRT7250 Datasheet HTML 386Page - Exar Corporation XRT7250 Datasheet HTML 387Page - Exar Corporation XRT7250 Datasheet HTML 388Page - Exar Corporation XRT7250 Datasheet HTML 389Page - Exar Corporation XRT7250 Datasheet HTML 390Page - Exar Corporation XRT7250 Datasheet HTML 391Page - Exar Corporation XRT7250 Datasheet HTML 392Page - Exar Corporation XRT7250 Datasheet HTML 393Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 389 / 463 page
background image
XRT7250
áç
áç
áç
áç
DS3/E3 FRAMER IC
REV. 1.1.1
370
‘The purpose of t his interrupt is to let the Micropro-
cessor/Microcontroller know that the LAPD Transmit-
ter is available and ready to transmit a LAPD Mes-
sage frame (which contains a new PMDL Message)
to the remote terminal equipment. Bit 0 (Tx LAPD In-
terrupt Status) within the Tx E3 LAPD Status and In-
terrupt Register will reflect the status for the Transmit
LAPD Interrupt.
NOTE: This bit-field will be reset upon reading this register.
Summary of Operating the LAPD Transmitter
Once the user has invoked the TxDL Start command,
the LAPD Transmitter will do the following.
• Generate the four octets of the LAPD Message
frame header (e.g., the Flag Sequence, SAPI, TEI,
Control, etc.,) and insert them into the header byte
positions within the LAPD Message frame.
• It will read in the contents of the Transmit LAPD
Message buffer (e.g., the PMDL Message data)
and insert it into the Information Payload portion of
the LAPD Message frame.
• Compute the 16-bit Frame Check Sequence (FCS)
value of the LAPD Message frame (e.g, of the
LAPD Message header and Payload bytes) and
insert this value into the FCS value octet positions
within the LAPD Message frame.
• Append a trailer Flag Sequence octet to the end of
the LAPD Message frame (following the 16-bit FCS
octets).
• Fragment the resulting LAPD Message frame into
octets and begin inserting these octets into either
the GC or NR byte-fields within the Outbound E3
frames (depending upon the user’s selection).
• Complete the transmission of the overhead bytes,
information payload byte, FCS value, and the trail-
ing Flag Sequence octets via the Transmit E3
Framer block.
Once the LAPD Transmitter has completed its trans-
mission of the LAPD Message frame, the Framer will
generate an Interrupt to the MIcroprocessor/Micro-
controller (if enabled). Afterwards, the LAPD Trans-
mitter will either halt its transmission of LAPD Mes-
sage frames or will proceed to retransmit the LAPD
Message frame, repeatedly at One-Second inter-
vals. In between these transmissions of the LAPD
Message frames, the LAPD Transmitter will be send-
ing a continuous stream of Flag Sequence bytes.
The LAPD Transmitter will continue this behavior until
the user has disabled the LAPD Transmitter by writing
a “1” into bit 3 (No Data Link) within the Tx E3 Config-
uration register.
NOTE: In order to prevent the user’s data (e.g., the PMDL
Message within the LAPD Message frame) from mimicking
the Flag Sequence byte or an ABORT Sequence, the LAPD
Transmitter will parse through the PMDL Message data and
insert a “0” into this data, immediately following the detec-
tion of five (5) consecutive “1’s” (this stuffing occurs while
the PMDL message data is being read in from the Transmit
LAPD Message frame. The Remote LAPD Receive (See
Section 5.3.5) will have the responsibility of checking the
newly received PMDL messages for a string of five (5) con-
secutive “1’s” and removing the subsequent “0” from the
payload portion of the incoming LAPD Message.
Figure 175 is a flow chart that depicts the procedure
(in white boxes) that the user should use in order to
transmit a PMDL message via the LAPD Transmitter,
when the LAPD Transmitter is configured to retrans-
mit the LAPD Message frame, repeatedly at One-
Second intervals. This figure also indicates (via the
Shaded boxes) what the LAPD Transmitter circuitry
will do before and during message transmission.
TXE3 LAPD STATUS AND INTERRUPT REGISTER (ADDRESS = 0X34)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
TxDL Start
TxDL Busy
TxLAPD
Interrupt
Enable
TxLAPD
Interrupt
Status
RO
RO
RO
RO
R/W
RO
R/W
RUR
00
000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com