Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 387 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 387 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 383Page - Exar Corporation XRT7250 Datasheet HTML 384Page - Exar Corporation XRT7250 Datasheet HTML 385Page - Exar Corporation XRT7250 Datasheet HTML 386Page - Exar Corporation XRT7250 Datasheet HTML 387Page - Exar Corporation XRT7250 Datasheet HTML 388Page - Exar Corporation XRT7250 Datasheet HTML 389Page - Exar Corporation XRT7250 Datasheet HTML 390Page - Exar Corporation XRT7250 Datasheet HTML 391Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 387 / 463 page
background image
XRT7250
áç
áç
áç
áç
DS3/E3 FRAMER IC
REV. 1.1.1
368
within the Tx E3 Configuration Register, as depicted
below.
)
If the user writes a “0” into this bit-field, then the
LAPD Transmitter will transmit the comprising octets
of the Outbound LAPD Message frame via the GC
byte field. Additionally, the Transmit E3 Framer block
will insert the contents of the TxNR Byte Register
(Address = 0x37) into the “NR” byte of each Out-
bound E3 frame.
Conversely, if the user writes a “1” into this bit-field,
then the LAPD Transmitter will transmit the Outbound
LAPD Message frame octets via the NR byte-field,
within each Outbound E3 frame. Additionally, the
Transmit E3 Framer will insert the contents of the Tx
GC Byte Register (Address = 0x35) into the GC byte-
field of each Outbound E3 frame.
STEP 5 - Specify whether the LAPD Transmitter
should transmit the LAPD Message frame only
once, or an indefinite number of times at One-
Second intervals.
The Transmit E3 HDLC Control block allows the user
to configure the LAPD Transmitter to transmit this
LAPD Message frame only once, or an indefinite
number of times at One-Second intervals. The user
implements this configuration by writing the appropri-
ate value into Bit 3 (Auto Retransmit) within the Tx E3
LAPD Configuration Register (Address = 0x33), as
depicted below.
)
If the user writes a “1” into this bit-field, then the
LAPD Transmitter will transmit the LAPD Message
frame repeatedly at One-Second intervals until the
LAPD Transmitter is disabled.
If the user writes a “0” into this bit-field, then the
LAPD Transmitter will transmit the LAPD Message
frame only once. Afterwards, the LAPD Transmitter
will halt its transmission until the user invokes the
Transmit LAPD Message frame command, once
again.
STEP 6 - Enabling the LAPD Transmitter
Prior to the transmission of any data via the LAPD
Transmitter, the LAPD Transmitter must be enabled
by writing a "1" to bit 0 (TxLAPD Enable) of the Tx E3
LAPD Configuration Register, as depicted below.
TXE3 CONFIGURATION REGISTER (ADDRESS = 0X30)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
TxDL
in NR
Not Used
TxAIS
Enable
TxLOS
Enable
TxMARx
RO
RO
RO
R/W
RO
R/W
R/W
R/W
00
000
000
TXE3 LAPD CONFIGURATION REGISTER (ADDRESS = 0X33)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
Auto
Retransmit
Not Used
TxLAPD
Msg Length
TxLAPD
Enable
RO
RO
RO
RO
R/W
RO
R/W
R/W
00
001
000
TRANSMIT E3 LAPD CONFIGURATION REGISTER (ADDRESS = 0X33)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT2BIT 1
BIT 0
Not Used
Auto
Retransmit
Not Used
TxLAPD
Msg Length
TxLAPD
Enable
R/O
R/O
R/O
R/O
R/W
R/O
R/W
R/W
00
00
X
0
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com