Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 397 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 397 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 393Page - Exar Corporation XRT7250 Datasheet HTML 394Page - Exar Corporation XRT7250 Datasheet HTML 395Page - Exar Corporation XRT7250 Datasheet HTML 396Page - Exar Corporation XRT7250 Datasheet HTML 397Page - Exar Corporation XRT7250 Datasheet HTML 398Page - Exar Corporation XRT7250 Datasheet HTML 399Page - Exar Corporation XRT7250 Datasheet HTML 400Page - Exar Corporation XRT7250 Datasheet HTML 401Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 397 / 463 page
background image
XRT7250
áç
áç
áç
áç
DS3/E3 FRAMER IC
REV. 1.1.1
378
The Transmit E3 LIU Interface block can transmit data
to the LIU IC or other external circuitry via two differ-
ent output modes: Unipolar or Bipolar. If the user se-
lects Unipolar (or Single Rail) mode, then the con-
tents of the E3 Frame is output, in a binary (NRZ
manner) data stream via the TxPOS pin to the LIU IC.
The TxNEG pin will only be used to denote the frame
boundaries. TxNEG will pulse "High" for one bit peri-
od, at the start of each new E3 frame, and will remain
"Low" for the remainder of the frame. Figure 180 pre-
sents an illustration of the TxPOS and TxNEG signals
during data transmission while the Transmit E3 LIU
Interface block is operating in the Unipolar mode.
This mode is sometimes referred to as Single Rail
mode because the data pulses only exist in one po-
larity: positive.
When the Transmit E3 LIU Interface block is operating
in the Bipolar (or Dual Rail) mode, then the contents
of the E3 Frame is output via both the TxPOS and Tx-
NEG pins. If the Bipolar mode is chosen, then the E3
data can be transmitted to the LIU via one of two dif-
ferent line codes: Alternate Mark Inversion (AMI) or
High Density Bipolar -3 (HDB3). Each one of these
line codes will be discussed below. Bipolar mode is
FIGURE 179. A SIMPLE ILLUSTRATION OF THE TRANSMIT E3 LIU INTERFACE BLOCK
From Transmit E3
Framer Block
TxPOS
TxNEG
TxLineClk
Transmit E3
LIU Interface
Block
FIGURE 180. THE BEHAVIOR OF TXPOS AND TXNEG SIGNALS DURING DATA TRANSMISSION WHILE THE TRANSMIT
DS3 LIU INTERFACE IS OPERATING IN THE UNIPOLAR MODE
TxPOS
TxNEG
TxLineClk
Data
1
0
1
1
0
0
1
0
0
1
1
1
0
1
0
1
0
0
1
1
1
0
0
1
Frame Boundary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com