Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 394 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 394 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 390Page - Exar Corporation XRT7250 Datasheet HTML 391Page - Exar Corporation XRT7250 Datasheet HTML 392Page - Exar Corporation XRT7250 Datasheet HTML 393Page - Exar Corporation XRT7250 Datasheet HTML 394Page - Exar Corporation XRT7250 Datasheet HTML 395Page - Exar Corporation XRT7250 Datasheet HTML 396Page - Exar Corporation XRT7250 Datasheet HTML 397Page - Exar Corporation XRT7250 Datasheet HTML 398Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 394 / 463 page
background image
áç
áç
áç
áç
XRT7250
DS3/E3 FRAMER IC
REV. 1.1.1
375
• Generate and transmit a desired value for the
FEBE (Far-End-Block Error) bit, within the MA byte.
The procedure and results of generating any of these
alarm conditions is presented below.
The user can exercise each of these options by writ-
ing the appropriate data to the Tx E3 Configuration
Register (Address = 0x30). The bit format of this reg-
ister is presented below.
Bit-field 2 through 0 permit the user to transmit vari-
ous alarm conditions to the remote terminal equip-
ment. The role/function of each of these three bit-
fields within the register, are discussed below.
6.2.4.2.1.1
Tx AIS Enable - Bit 2
This read/write bit field permits the user to force the
transmission of an AIS (Alarm Indication Signal) pat-
tern to the remote terminal equipment via software
control. If the user opts to transmit an AIS pattern,
then the Transmit Section of the Framer IC will begin
to transmit an unframed all ones pattern to the re-
mote terminal equipment. Table 78 presents the rela-
tionship between the contents of this bit-field, and the
resulting Framer action.
NOTE: This bit is ignored whenever the TxLOS bit-field is
set.
6.2.4.2.1.2
Transmit LOS Enable - Bit 1
This read/write bit field allows the user to transmit an
LOS (Loss of Signal) pattern to the remote terminal,
upon software control. Table 79 relates the contents
of this bit field to the Transmit E3 Framer block's ac-
tion.
TXE3 CONFIGURATION REGISTER (ADDRESS = 0X30)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
TxDL
in NR
Not Used
TxAIS
Enable
TxLOS
Enable
TxMARx
RO
RO
RO
R/W
RO
R/W
R/W
R/W
0
0000
000
TABLE 78: THE RELATIONSHIP BETWEEN THE CONTENTS OF BIT 2 (TX AIS ENABLE) WITHIN THE TX E3
CONFIGURATION REGISTER, AND THE RESULTING TRANSMIT E3 FRAMER BLOCK'S ACTION
BIT 2TRANSMIT E3 FRAMER'S ACTION
0
Normal Operation:
The Transmit Section of the XRT7250 Framer IC will transmit E3 traffic based upon data that it accepts via the
Transmit Payload Data Input Interface block, the Transmit Overhead Data Input Interface block, the Transmit
HDLC Controller block and internally generated overhead bytes.
1
Transmit AIS Pattern:
The Transmit E3 Framer block will overwrite the E3 traffic, within an Unframed All Ones pattern.
TABLE 79: THE RELATIONSHIP BETWEEN THE CONTENTS OF BIT 1 (TX LOS) WITHIN THE TX E3 CONFIGURATION
REGISTER, AND THE RESULTING TRANSMIT E3 FRAMER BLOCK'S ACTION
BIT 1TRANSMIT E3 FRAMER'S ACTION
0
Normal Operation:
The Overhead bits are either internally generated, or they are inserted via the Transmit Overhead Data Input
Interface or the Transmit HDLC Controller blocks. The Payload bits are received from the Transmit Payload
Data Input Interface.
1
Transmit LOS Pattern:
When this command is invoked the Transmit E3 Framer will do the following.
• Set all of the overhead bytes to "0" (including the FA1 and FA2 bytes)
Overwrite the E3 payload bits with an "all zeros" pattern.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com