Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 404 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 404 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 400Page - Exar Corporation XRT7250 Datasheet HTML 401Page - Exar Corporation XRT7250 Datasheet HTML 402Page - Exar Corporation XRT7250 Datasheet HTML 403Page - Exar Corporation XRT7250 Datasheet HTML 404Page - Exar Corporation XRT7250 Datasheet HTML 405Page - Exar Corporation XRT7250 Datasheet HTML 406Page - Exar Corporation XRT7250 Datasheet HTML 407Page - Exar Corporation XRT7250 Datasheet HTML 408Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 404 / 463 page
background image
áç
áç
áç
áç
XRT7250
DS3/E3 FRAMER IC
REV. 1.1.1
385
2. To decode this data, convert it into a binary data
stream and to route this data to the Receive E3
Framer block.
Figure 186 presents a simple illustration of the Re-
ceive E3 LIU Interface block.
The Receive Section of the XRT7250 will via the Re-
ceive E3 LIU Interface Block receive timing and data
information from the incoming E3 data stream. The
E3 Timing information will be received via the RxLi-
neClk input pin and the E3 data information will be re-
ceived via the RxPOS and RxNEG input pins. The
Receive E3 LIU Interface block is capable of receiving
E3 data pulses in unipolar or bipolar format. If the
Receive E3 framer is operating in the bipolar format,
then it can be configured to decode either AMI or
HDB3 line code data. Each of these input formats
and line codes will be discussed in detail, below.
6.3.1.1
Unipolar Decoding
If the Receive E3 LIU Interface block is operating in
the Unipolar (single-rail) mode, then it will receive the
Single Rail NRZ DS3 data pulses via the RxPOS in-
put pin. The Receive E3 LIU Interface block will also
receive its timing signal via the RxLineClk signal.
NOTE: The RxLineClk signal will function as the timing
source for the entire Receive Section of the XRT7250.
No data pulses will be applied to the RxNEG input
pin. The Receive E3 LIU Interface block receives a
logic "1" when a logic "1" level signal is present at the
RxPOS pin, during the sampling edge of the RxLi-
neClk signal. Likewise, a logic "0" is received when a
logic "0" level signal is applied to the RxPOS pin.
Figure 187 presents an illustration of the behavior of
the RxPOS, RxNEG and RxLineClk input pins when
the Receive E3 LIU Interface block is operating in the
Unipolar mode.
FIGURE 186. A SIMPLE ILLUSTRATION OF THE RECEIVE E3 LIU INTERFACE BLOCK
RxPOS
RxNEG
RxLineClk
To Receive DS3
Framer Block
Receive DS3
LIU Interface
Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com