Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 407 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 407 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 403Page - Exar Corporation XRT7250 Datasheet HTML 404Page - Exar Corporation XRT7250 Datasheet HTML 405Page - Exar Corporation XRT7250 Datasheet HTML 406Page - Exar Corporation XRT7250 Datasheet HTML 407Page - Exar Corporation XRT7250 Datasheet HTML 408Page - Exar Corporation XRT7250 Datasheet HTML 409Page - Exar Corporation XRT7250 Datasheet HTML 410Page - Exar Corporation XRT7250 Datasheet HTML 411Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 407 / 463 page
background image
XRT7250
áç
áç
áç
áç
DS3/E3 FRAMER IC
REV. 1.1.1
388
NOTE: One of the reasons that the AMI Line Code has
been chosen for driving copper medium, isolated via trans-
formers, is that this line code has no dc component, thereby
eliminating dc distortion in the line.
6.3.1.2.2
HDB3 Decoding
The Transmit E3 LIU Interface block and the associat-
ed LIU embed and combine the data and clocking in-
formation into the line signal that is transmitted to the
remote terminal equipment. The remote terminal
equipment has the task of recovering this data and
timing information from the incoming E3 data stream.
Most clock and data recovery schemes rely on the
use of Phase-Locked-Loop technology. One of the
problems of using Phase-Locked-Loop (PLL) technol-
ogy for clock recovery is that it relies on transitions in
the line signal, in order to maintain lock with the in-
coming E3 data-stream. Therefore, these clock re-
covery scheme, are vulnerable to the occurrence of a
long stream of consecutive zeros (e.g., no transitions
in the line). This scenario can cause the PLL to lose
lock with the incoming E3 data, thereby causing the
clock and data recovery process of the receiver to fail.
Therefore, some approach is needed to insure that
such a long string of consecutive zeros can never
happen. One such technique is HDB3 (or High Den-
sity Bipolar -3) encoding.
In general the HDB3 line code behaves just like AMI
with the exception of the case when a long string of
consecutive zeros occurs on the line. Any 4 consecu-
tive zeros will be replaced with either a "000V" or a
"B00V" where "B" refers to a Bipolar pulse (e.g., a
pulse with a polarity that is compliant with the AMI
coding rule). And "V" refers to a Bipolar Violation
pulse (e.g., a pulse with a polarity that violates the al-
ternating polarity scheme of AMI.) The decision be-
tween inserting an "000V" or a "B00V" is made to in-
sure that an odd number of Bipolar (B) pulses exist
between any two Bipolar Violation (V) pulses. The
Receive E3 LIU Interface block, when operating with
the HDB3 Line Code is responsible for decoding the
HD-encoded data back into a unipolar (binary-for-
mat). For instance, if the Receive E3 LIU Interface
block detects a "000V" or a "B00V" pattern in the in-
coming pattern, the Receive E3 LIU Interface block
will replace it with four (4) consecutive zeros.
Figure 190 presents a timing diagram that illustrates
examples of HDB3 decoding.
FIGURE 189. ILLUSTRATION OF AMI LINE CODE
Data
1
0
1
1
0
0
0
1
0
1
1
1
1
0
1
1
0
1
1
0
0
1
1
0
0
0
0
1
RxPOS
RxNEG
Line Signal
FIGURE 190. ILLUSTRATION OF TWO EXAMPLES OF HDB3 DECODING
Line Signal
00
0
V
B0
0
V
RxNEG
RxPOS
Data
1
0
1
1
1
1
1
1
1
1
0
0
0
0
0
0
0
0
1
1
10
0
0
00
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com