Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 408 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 408 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 404Page - Exar Corporation XRT7250 Datasheet HTML 405Page - Exar Corporation XRT7250 Datasheet HTML 406Page - Exar Corporation XRT7250 Datasheet HTML 407Page - Exar Corporation XRT7250 Datasheet HTML 408Page - Exar Corporation XRT7250 Datasheet HTML 409Page - Exar Corporation XRT7250 Datasheet HTML 410Page - Exar Corporation XRT7250 Datasheet HTML 411Page - Exar Corporation XRT7250 Datasheet HTML 412Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 408 / 463 page
background image
áç
áç
áç
áç
XRT7250
DS3/E3 FRAMER IC
REV. 1.1.1
389
6.3.1.2.3
Line Code Violations
The Receive E3 LIU Interface block will also check
the incoming E3 data stream for line code violations.
For example, when the Receive E3 LIU Interface
block detects a valid bipolar violation (e.g., in HDB3
line code), it will substitute four zeros into the binary
data stream. However, if the bipolar violation is in-
valid, then an LCV (Line Code Violation) is flagged
and the PMON LCV Event Count Register (Address =
0x50 and 0x51) will also be incremented. Additional-
ly, the LCV-One-Second Accumulation Registers
(Address = 0x6E and 0x6F) will be incremented. For
example: If the incoming E3 data is HDB3 encoded,
the Receive E3 LIU Interface block will also increment
the LCV One-Second Accumulation Register if three
(or more) consecutive zeros are received.
6.3.1.2.4
RxLineClk Clock Edge Selection
The incoming unipolar or bipolar data, applied to the
RxPOS and the RxNEG input pins are clocked into
the Receive E3 LIU Interface block via the RxLineClk
signal. The Framer IC allows the user to specify
which edge (e.g, rising or falling) of the RxLineClk
signal will sample and latch the signal at the RxPOS
and RxNEG input signals into the Framer IC. The us-
er can make this selection by writing the appropriate
data to bit 1 of the I/O Control Register, as depicted
below.
Table 84 depicts the relationship between the value of
this bit-field to the sampling clock edge of RxLineClk.
Figure 191 and Figure 192 present the Waveform and
Timing Relationships between RxLineClk, RxPOS
and RxNEG for each of these configurations.
II/O CONTROL REGISTER (ADDRESS = 0X01)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT2
BIT 1BIT 0
Disable
TxLOC
LOC
Disable
RxLOC
AMI/ZeroSup*
Unipolar/
Bipolar*
TxLine CLK
Invert
RxLine CLK
Invert
Reframe
R/W
RO
R/W
R/W
R/W
R/W
R/W
R/W
1
0100
0
00
TABLE 84: THE RELATIONSHIP BETWEEN THE CONTENTS OF BIT 1 (RXLINECLK INV) OF THE I/O CONTROL REGISTER,
AND THE SAMPLING EDGE OF THE
RXLINECLK SIGNAL
RXCLKINV
(BIT 1)
RESULT
0
.Rising Edge:
RxPOS and RxNEG are sampled at the rising edge of RxLineClk. See Figure 191 for timing relationship
between RxLineClk, RxPOS, and RxNEG.
1
Falling Edge:
RxPOS and RxNEG are sampled at the falling edge of RxLineClk. See Figure 192 for timing relationship
between RxLineClk, RxPOS, and RxNEG.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com