Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 410 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 410 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 406Page - Exar Corporation XRT7250 Datasheet HTML 407Page - Exar Corporation XRT7250 Datasheet HTML 408Page - Exar Corporation XRT7250 Datasheet HTML 409Page - Exar Corporation XRT7250 Datasheet HTML 410Page - Exar Corporation XRT7250 Datasheet HTML 411Page - Exar Corporation XRT7250 Datasheet HTML 412Page - Exar Corporation XRT7250 Datasheet HTML 413Page - Exar Corporation XRT7250 Datasheet HTML 414Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 410 / 463 page
background image
áç
áç
áç
áç
XRT7250
DS3/E3 FRAMER IC
REV. 1.1.1
391
Once the HDB3 (or AMI) encoded data has been de-
coded into a binary data-stream, the Receive E3
Framer block will use portions of this data-stream in
order to synchronize itself to the remote terminal
equipment. At any given time, the Receive E3 Fram-
er block will be operating in one of two modes.
• The Frame Acquisition Mode: In this mode, the
Receive E3 Framer block is trying to acquire syn-
chronization with the incoming E3 frame, or
• The Frame Maintenance Mode: In this mode, the
Receive E3 Framer block is trying to maintain frame
synchronization with the incoming E3 Frames.
Figure 194 presents a State Machine diagram that
depicts the Receive E3 Framer block's E3/ITU-T
G.832 Frame Acquisition/Maintenance Algorithm.
6.3.2.1
The Framing Acquisition Mode
The Receive E3 Framer block is considered to be op-
erating in the Frame Acquisition Mode, if it is operat-
ing in any one of the following states within the E3
Frame Acquisition/Maintenance Algorithm per
Figure 194.
• FA1, FA2 Octet Search State
• FA1, FA2 Octet Verification State
• OOF Condition State
• LOF Condition State
Each of these Framing Acquisition states, within the
Receive E3 Framer Framing Acquisition/Maintenance
State Machine are discussed below.
The FA1, FA2 Octet Search State
When the Receive E3 Framer block is first powered
up, it will be operating in the FA1, FA2 Octet Search
state. While the Receive E3 Framer is operating in
this state, it will be performing a bit-by-bit search for
the FA1 and FA2 Framing Alignment octets. FA1 is
assigned the value “0xF6”, and FA2 is assigned the
value of “0x28”. Figure 195, which presents an illus-
tration of the E3, ITU-T G.832 Framing Format, indi-
cates that these two octets will occur at the beginning
of each E3 frame, and that the FA2 octet will appear
immediately after the FA1 octet.
FIGURE 193. A SIMPLE ILLUSTRATION OF THE RECEIVE E3 FRAMER BLOCK AND THE ASSOCIATED PATHS TO THE
OTHER FUNCTIONAL BLOCKS
Receive E3 Framer
Block
Receive E3 Framer
Block
To Receive E3 HDLC
Buffer
Receive Overhead Data
Output Interface
Receive Payload Data
Output Interface
From Receive E3
LIU Interface Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com