Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 413 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 413 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 409Page - Exar Corporation XRT7250 Datasheet HTML 410Page - Exar Corporation XRT7250 Datasheet HTML 411Page - Exar Corporation XRT7250 Datasheet HTML 412Page - Exar Corporation XRT7250 Datasheet HTML 413Page - Exar Corporation XRT7250 Datasheet HTML 414Page - Exar Corporation XRT7250 Datasheet HTML 415Page - Exar Corporation XRT7250 Datasheet HTML 416Page - Exar Corporation XRT7250 Datasheet HTML 417Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 413 / 463 page
background image
XRT7250
áç
áç
áç
áç
DS3/E3 FRAMER IC
REV. 1.1.1
394
Interrupt Status Register - 1, will be set to “1”, as de-
picted below.
The Receive E3 Framer block will also inform the ex-
ternal circuitry of its transition into the OOF Condition
state, by toggling the RxOOF output pin “High”.
If the Receive E3 Framer block is capable of finding
the Framing Alignment octets within a user-selectable
number of E3 frame periods, then it will transition
back into the In-Frame state. The Receive E3 Framer
block will then inform the Microprocessor/Microcon-
troller of its transition back into the In-Frame state by
generating the Change in OOF Condition Interrupt.
However, if the Receive E3 Framer block resides in
the OOF Condition state for more than this user-se-
lectable number of E3 frame periods, then it will auto-
matically transition to the LOF (Loss of Frame) Condi-
tion state.
The user can select this user-selectable number of
E3 frame periods that the Receive E3 Framer block
will remain in the OOF Condition state by writing the
appropriate value into Bit 7 (RxLOF Algo) within the
Rx E3 Configuration & Status Register, as depicted
below.
Writing a “0” into this bit-field causes the Receive E3
Framer block to reside in the OOF Condition state for
at most 24 E3 frame periods (3 ms). Writing a “1” into
this bit-field causes the Receive E3 Framer block to
reside in the OOF Condition state for at most 8 E3
frame periods (1 ms).
LOF (Loss of Framing) Condition State
If the Receive E3 Framer block enters the LOF Condi-
tion state, then the following things will happen.
• The Receive E3 Framer block will discard the most
recent frame synchronization and
• The Receive E3 Framer block will make an uncon-
ditional transition to the FA1, FA2 Octet Search
state.
• The Receive E3 Framer block will notify the Micro-
processor/Microcontroller of its transition to the
LOF Condition state, by generating the Change in
LOF Condition interrupt. When this occurs, Bit 2
(LOF Interrupt Status), within the Rx E3 Interrupt
Status Register - 1 will be set to “1”, as depicted
below.
RXE3 INTERRUPT STATUS REGISTER - 1 (ADDRESS = 0X14)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
COFA
Interrupt
Status
OOF
Interrupt
Status
LOF
Interrupt
Status
LOS
Interrupt
Status
AIS
Interrupt
Status
RO
RO
RO
RUR
RUR
RUR
RUR
RUR
00
000
000
RXE3 CONFIGURATION & STATUS REGISTER 2 (ADDRESS = 0X11)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Rx LOF Algo
RxLOF
RxOOF
RxLOS
RxAIS
RxPld Unstab
Rx
TMark
RxFERF
R/W
RORO
RO
RORORORO
01
111
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com