Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 415 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 415 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 411Page - Exar Corporation XRT7250 Datasheet HTML 412Page - Exar Corporation XRT7250 Datasheet HTML 413Page - Exar Corporation XRT7250 Datasheet HTML 414Page - Exar Corporation XRT7250 Datasheet HTML 415Page - Exar Corporation XRT7250 Datasheet HTML 416Page - Exar Corporation XRT7250 Datasheet HTML 417Page - Exar Corporation XRT7250 Datasheet HTML 418Page - Exar Corporation XRT7250 Datasheet HTML 419Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 415 / 463 page
background image
XRT7250
áç
áç
áç
áç
DS3/E3 FRAMER IC
REV. 1.1.1
396
6.3.2.3
Forcing a Reframe via Software Com-
mand
The XRT7250 Framer IC permits the user to com-
mand a reframe procedure with the Receive E3 Fram-
er block via software command. If the user writes a
“1” into Bit 0 (Reframe) within the I/O Control Register
(Address = 0x01), as depicted below, then the Re-
ceive E3 Framer block will be forced into the FA1, FA2
Octet Search state, per Figure 194, and will begin its
search for the “FA1” and “FA2” octets.)
The Framer IC will respond to this command by doing
the following.
1. Asserting both the RxOOF and RxLOF output
pins.
2. Generating both the Change in OOF Status and
the Change in LOF Status interrupts to the Micro-
processor.
3. Asserting both the RxLOF and RxOOF bit-fields
within the Rx E3 Configuration & Status Register,
as depicted below.
6.3.2.4
Performance Monitoring of the Frame
Synchronization Section, within the Receive E3
Framer block
The user can monitor the number of framing bytes
(FA1 and FA2 bytes) errors that have been detected
by the Receive E3 Framer block. This is accom-
PMON FRAMING BIT/BYTE ERROR COUNT REGISTER - MSB (ADDRESS = 0X52)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Framing Bit/Byte Error Count - High Byte
RURRUR
RUR
RUR
RURRUR
RURRUR
00
000
000
PMON FRAMING BIT/BYTE ERROR COUNT REGISTER - LSB (ADDRESS = 0X53)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Framing Bit/Byte Error Count - Low Byte
RURRUR
RUR
RUR
RURRUR
RURRUR
00
000
000
I/O CONTROL REGISTER (ADDRESS = 0X01)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Disable TxLOC
LOC
Disable
RxLOC
AMI/
ZeroSup*
Unipolar/Bipo-
lar*
TxLine
Clk
Invert
RxLine
Clk
Invert
Reframe
R/W
RO
R/W
R/W
R/W
R/W
R/W
R/W
10
100
001
RXE3 CONFIGURATION & STATUS REGISTER 2 (ADDRESS = 0X11)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Rx LOF Algo
RxLOF
RxOOF
RxLOS
RxAIS
RxPld Unstab
Rx
TMark
RxFERF
R/W
RORO
RO
RORORORO
01
111
111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com