Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 419 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 419 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 415Page - Exar Corporation XRT7250 Datasheet HTML 416Page - Exar Corporation XRT7250 Datasheet HTML 417Page - Exar Corporation XRT7250 Datasheet HTML 418Page - Exar Corporation XRT7250 Datasheet HTML 419Page - Exar Corporation XRT7250 Datasheet HTML 420Page - Exar Corporation XRT7250 Datasheet HTML 421Page - Exar Corporation XRT7250 Datasheet HTML 422Page - Exar Corporation XRT7250 Datasheet HTML 423Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 419 / 463 page
background image
XRT7250
áç
áç
áç
áç
DS3/E3 FRAMER IC
REV. 1.1.1
400
• Set the Rx FERF bit-field, within the Rx E3 Configu-
ration/Status Register to “1”, as depicted below.
Clearing the FERF Condition
The Receive E3 Framer block will clear the FERF
condition once it has received a User-Selectable
number of E3 frames is either 3 or 5 depending upon
the value that has been written into Bit 4 (Rx FERF
Algo) of the Rx E3 Configuration/Status Register, as
discussed above.
Whenever the Receive E3 Framer clears the FERF
status, then it will do the following:
1. Generate a Change in the FERF Status Interrupt
to the Microprocessor.
2. Clear the Bit 0 (RxFERF) within the Rx E3 Con-
figuration & Status register, as depicted below.
6.3.2.7
Error Checking of the Incoming E3
Frames
The Receive E3 Framer block performs error-check-
ing on the incoming E3 frame data that it receives
from the Remote Terminal Equipment. It performs
this error-checking by computing the BIP-8 value of
an incoming E3 frame. Once the Receive E3 Framer
block has obtained this value, it will compare this val-
ue with that of the “EM” byte that it receives, within
the very next E3 frame. If the locally computed BIP-8
value matches the EM byte of the corresponding E3
frame, then the Receive E3 Framer block will con-
clude that this particular frame has been properly re-
ceived. The Receive E3 Framer block will then inform
the Remote Terminal Equipment of this fact by having
the Local Terminal Equipment Transmit E3 Framer
block send the Remote Terminal an E3 frame, with
the FEBE bit-field, within the MA byte, set to “0”.
This procedure is illustrated in Figure 196 and
Figure 197.
Figure 196 illustrates the Local Receive E3 Framer
receiving an error-free E3 frame. In this figure, the lo-
cally computed BIP-8 value of “0x5A” matches that
received from the Remote Terminal, within the EM
byte-field. Figure 197 illustrates the subsequent ac-
RXE3 INTERRUPT ENABLE REGISTER - 2 (ADDRESS = 0X13)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
TTB
Change
Interrupt
Enable
Not Used
FEBE
Interrupt
Enable
FERF
Interrupt
Enable
BIP-8
Error Interrupt
Enable
Framing
Byte Error
Interrupt
Enable
RxPld
Mis
Interrupt
Enable
RO
R/W
RO
R/W
R/W
R/W
R/W
R/W
00
001
000
RXE3 CONFIGURATION & STATUS REGISTER 2 (ADDRESS = 0X11)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Rx LOF Algo
RxLOF
RxOOF
RxLOS
RxAIS
RxPld Unstab
Rx
TMark
RxFERF
R/W
RORO
RO
RORORORO
00
000
001
RXE3 CONFIGURATION & STATUS REGISTER 2 (ADDRESS = 0X11)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Rx LOF Algo
RxLOF
RxOOF
RxLOS
RxAIS
RxPld Unstab
Rx
TMark
RxFERF
R/W
RORO
RO
RORORORO
00
000
001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com