Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 421 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 421 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 417Page - Exar Corporation XRT7250 Datasheet HTML 418Page - Exar Corporation XRT7250 Datasheet HTML 419Page - Exar Corporation XRT7250 Datasheet HTML 420Page - Exar Corporation XRT7250 Datasheet HTML 421Page - Exar Corporation XRT7250 Datasheet HTML 422Page - Exar Corporation XRT7250 Datasheet HTML 423Page - Exar Corporation XRT7250 Datasheet HTML 424Page - Exar Corporation XRT7250 Datasheet HTML 425Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 421 / 463 page
background image
XRT7250
áç
áç
áç
áç
DS3/E3 FRAMER IC
REV. 1.1.1
402
However, if the locally computed BIP-8 value does not
match the EM byte of the corresponding E3 frame,
then the Receive E3 Framer block will do the follow-
ing.
• It will inform the Remote Terminal of this fact by
having the Local Transmit E3 Framer block send the
Remote Terminal an E3 frame, with the FEBE bit-
field, within the MA byte, set to “1”. This phenome-
non is illustrated below in Figure 198 and
Figure 199.
Figure 198 illustrates the Local Receive E3 Framer
receiving an errored E3 frame. In this figure, the Lo-
cal Receive E3 Frame block is receiving an E3 frame
with an EM byte containing the value “0x5A”. This
value does not match the locally computed EM byte
value of “0x5B”. Consequently, there is an error in
this E3 frame.
Figure 199 illustrates the subsequent action of the
Local Transmit E3 Framer block, which will transmit
an E3 frame, with the FEBE bit-field set to “1” to the
Remote Terminal. This signaling indicates that the
Local Receive E3 Framer block has received an er-
rored E3 frame.
FIGURE 198. ILLUSTRATION OF THE LOCAL RECEIVE E3 FRAMER BLOCK, RECEIVING AN E3 FRAME (FROM THE
REMOTE TERMINAL) WITH AN INCORRECT EM BYTE.
Transmit E3
Framer
Receive E3
Framer
Local Terminal
Remote
Terminal
EM Byte
Locally Calculated
EM Byte
0x5A
0x5B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com