Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 417 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 417 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 413Page - Exar Corporation XRT7250 Datasheet HTML 414Page - Exar Corporation XRT7250 Datasheet HTML 415Page - Exar Corporation XRT7250 Datasheet HTML 416Page - Exar Corporation XRT7250 Datasheet HTML 417Page - Exar Corporation XRT7250 Datasheet HTML 418Page - Exar Corporation XRT7250 Datasheet HTML 419Page - Exar Corporation XRT7250 Datasheet HTML 420Page - Exar Corporation XRT7250 Datasheet HTML 421Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 417 / 463 page
background image
XRT7250
áç
áç
áç
áç
DS3/E3 FRAMER IC
REV. 1.1.1
398
When the Receive E3 Framer block clears the LOS
condition, then it will notify the Microprocessor and
the external circuitry of this occurrence by:
• Generating the Change in LOS Condition Interrupt
to the Microprocessor.
• Clearing Bit 4 (RxLOS) within the Rx E3 Configura-
tion & Status Register, as depicted below.
• Clear the RxLOS output pin (e.g., toggle it "Low”).
6.3.2.6.2
The AIS (Alarm Indication Status)
Condition
Declaring the AIS Condition
The Receive E3 Framer block will identify and declare
an AIS condition, if it detects an “All Ones” pattern in
the incoming E3 data stream. More specifically, the
Receive E3 Framer block will declare an AIS Condi-
tion if 7 or less “0s” are detected in each of 2 consec-
utive E3 frames.
If the Receive E3 Framer block declares an AIS Con-
dition, then it will do the following.
• Generate the Change in AIS Condition Interrupt to
the Microprocessor. Hence, the Receive E3
Framer block will assert Bit 1 (AIS Interrupt Status)
within the Rx E3 Framer Interrupt Status register -
1, as depicted below.
• Assert the RxAIS output pin.
• Set Bit 3 (Rx AIS) within the Rx E3 Configuration &
Status Register, as depicted below.
Clearing the AIS Condition
The Receive E3 Framer block will clear the AIS condi-
tion when it detects two consecutive E3 frames, with
eight or more “zeros” in the incoming data stream.
The Receive E3 Framer block will inform the Micro-
processor that the AIS Condition has been cleared
by:
• Generating the Change in AIS Condition Interrupt
to the Microprocessor. Hence, the Receive E3
Framer block will assert Bit 1 (AIS Interrupt Status)
RXE3 CONFIGURATION & STATUS REGISTER 2 (ADDRESS = 0X11)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Rx LOF Algo
RxLOF
RxOOF
RxLOS
RxAIS
RxPld Unstab
Rx
TMark
RxFERF
R/W
RORO
RO
RORORORO
00
010
000
RXE3 INTERRUPT STATUS REGISTER - 1 (ADDRESS = 0X14)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
COFA
Interrupt
Status
OOF
Interrupt
Status
LOF
Interrupt
Status
LOS
Interrupt
Status
AIS
Interrupt
Status
RO
RO
RO
RUR
RUR
RUR
RUR
RUR
00
000
001
RXE3 CONFIGURATION & STATUS REGISTER 2 (ADDRESS = 0X11)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Rx LOF Algo
RxLOF
RxOOF
RxLOS
RxAIS
RxPld Unstab
Rx
TMark
RxFERF
R/W
RORO
RO
RORORORO
00
001
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com