Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 418 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 418 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 414Page - Exar Corporation XRT7250 Datasheet HTML 415Page - Exar Corporation XRT7250 Datasheet HTML 416Page - Exar Corporation XRT7250 Datasheet HTML 417Page - Exar Corporation XRT7250 Datasheet HTML 418Page - Exar Corporation XRT7250 Datasheet HTML 419Page - Exar Corporation XRT7250 Datasheet HTML 420Page - Exar Corporation XRT7250 Datasheet HTML 421Page - Exar Corporation XRT7250 Datasheet HTML 422Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 418 / 463 page
background image
áç
áç
áç
áç
XRT7250
DS3/E3 FRAMER IC
REV. 1.1.1
399
within the Rx E3 Framer Interrupt Status Register -
1.
• Clearing the RxAIS output pin (e.g., toggling it
"Low”).
• Setting the RxAIS bit-field, within the Rx E3 Config-
uration & Status Register to “0”, as depicted below.
6.3.2.6.3
The Far-End-Receive Failure (FERF)
Condition
Declaring the FERF Condition
The Receive E3 Framer block will declare a Far-End
Receive Failure (FERF) condition if it detects a user-
selectable number of consecutive incoming E3
frames, with the FERF bit-field (Bit 7, within the MA
Byte) set to “1”. Recall, the bit-format of the MA byte
is presented below.
This User-selectable number of E3 frames is either 3
or 5, depending upon the value that has been written
into Bit 4 (Rx FERF Algo) within the Rx E3 Configura-
tion & Status Register, as depicted below.
Writing a “0” into this bit-field causes the Receive E3
Framer block to declare a FERF condition, if it detects
3 consecutive incoming E3 frames, that have the
FERF bit (within the MA byte) set to “1”.
Writing a “1” into this bit-field causes the Receive E3
Framer block to declare a FERF condition, if it detects
5 consecutive incoming E3 frames, that have the
FERF bit (within the MA byte) set to “1”.
Whenever the Receive E3 Framer block declares a
FERF condition, then it will do the following.
• Generate a Change in FERF Condition interrupt to
the MIcroprocessor. Hence, the Receive E3
Framer block will assert Bit 3 (FERF Interrupt Sta-
tus) within the Rx E3 Framer Interrupt Status regis-
ter - 2, as depicted below.
RXE3 CONFIGURATION & STATUS REGISTER 2 (ADDRESS = 0X11)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Rx LOF Algo
RxLOF
RxOOF
RxLOS
RxAIS
RxPld Unstab
Rx
TMark
RxFERF
R/W
RORO
RO
RORORORO
0
0000
000
THE MAINTENANCE AND ADAPTATION (MA) BYTE FORMAT
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
FERF
FEBE
Payload Type
Payload Dependent
Timing Marker
RXE3 CONFIGURATION & STATUS REGISTER 1 - (E3, ITU-T G.832) (ADDRESS = 0X10)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
RxPLDType[2:0]
RxFERF
Algo
RxTMark
Algo
RxPLDExp[2:0]
RO
RO
RO
RO
RO
RO
RO
RO
0
0000
000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com