Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 427 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 427 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 423Page - Exar Corporation XRT7250 Datasheet HTML 424Page - Exar Corporation XRT7250 Datasheet HTML 425Page - Exar Corporation XRT7250 Datasheet HTML 426Page - Exar Corporation XRT7250 Datasheet HTML 427Page - Exar Corporation XRT7250 Datasheet HTML 428Page - Exar Corporation XRT7250 Datasheet HTML 429Page - Exar Corporation XRT7250 Datasheet HTML 430Page - Exar Corporation XRT7250 Datasheet HTML 431Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 427 / 463 page
background image
XRT7250
áç
áç
áç
áç
DS3/E3 FRAMER IC
REV. 1.1.1
408
ABORT Sequence, then the LAPD Receiver will as-
sert the RxABORT bit-field (Bit 6) within the Rx E3
LAPD Status Register, as depicted below.
However, if this next octet is Octet #2 of an incoming
LAPD Message frame, then the LAPD Receiver is be-
ginning to receive a LAPD Message frame.
As the LAPD Receiver receives this LAPD Message
frame, it is reading in the LAPD Message frame oc-
tets, from either the “GC” or the “NR” byte-fields with-
in each incoming E3 frame. Secondly, it is reassem-
bling these octets into a LAPD Message frame.
Once the LAPD Receiver has received the complete
LAPD Message frame, then it will proceed to perform
the following five (5) steps.
1. PMDL Message Extraction
The LAPD Receiver will extract out the PMDL Mes-
sage, from the newly received LAPD Message frame.
The LAPD Receiver will then write this PMDL Mes-
sage into the Receive LAPD Message buffer within
the Framer IC.
NOTE: As the LAPD Receiver is extracting the PMDL Mes-
sage, from the newly received LAPD Message frame, the
LAPD Receiver will also check the PMDL data for the
occurrence of stuff bits (e.g., “0s” that were inserted into the
PMDL Message by the Remote LAPD Transmitter, in order
to prevent this data from mimicking the Flag Sequence byte
or an ABORT Sequence), and remove them prior to writing
the PMDL Message into the Receive LAPD Message
Buffer. Specifically, the LAPD Receiver will search through
the PMDL Message data and will remove any “0” that
immediately follows a string of 5 consecutive “1’s”.
For more information on how the LAPD Transmitter
inserted these stuff bits, please see Section 5.2.3.1.
2. FCS (Frame Check Sequence) Word Verification
The LAPD Receiver will compute the CRC-16 value
of the header octets and the PMDL Message octets,
within this LAPD Message frame and will compare it
with the value of the two octets, residing in the FCS
word-field of this LAPD Message frame. If the FCS
value of the newly received LAPD Message frame
matches the locally-computed CRC-16 value, then
the LAPD Receiver will conclude that it has received
this LAPD Message frame in an error-free manner.
However, if the FCS value does not match the locally-
computed CRC-16 value, then the LAPD Receiver
will conclude that this LAPD Message frame is erred.
The LAPD Receiver will indicate the results of this
FCS Verification process by setting Bit 2 (RxFCS Er-
ror) within the Rx E3 LAPD Status Register, to the ap-
propriate value as tabulated below.
If the LAPD Receiver detects an error in the FCS val-
ue, then it will set the RxFCS Error bit-field to “1”.
Conversely, if the LAPD Receiver does not detect an
error in the FCS value, the it will clear the RxFCS Er-
ror bit-field to “0”.
NOTE: The LAPD Receiver will extract and write the PMDL
Message into the Receive LAPD Message buffer indepen-
dent of the results of FCS Verification. Hence, the user is
urged to validate each PMDL Message that is read in from
the Receive LAPD Message buffer, by first checking the
state of this bit-field.
3. Check and Report the State of the “C/R” Bit-field
RXE3 LAPD STATUS REGISTER (ADDRESS = 0X19)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
Rx ABORT
RxLAPDType[1:0]
RxCR
Type
RxFCS
Error
End of
Message
Flag
Present
RO
RO
RO
RO
RO
RO
RO
RO
01
000
000
RXE3 LAPD STATUS REGISTER (ADDRESS = 0X19)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
Rx ABORT
RxLAPDType[1:0]
RxCR
Type
RxFCS
Error
End of
Message
Flag
Present
RO
RO
RO
RO
RO
RO
RO
RO
00
000
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com