Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 431 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 431 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 427Page - Exar Corporation XRT7250 Datasheet HTML 428Page - Exar Corporation XRT7250 Datasheet HTML 429Page - Exar Corporation XRT7250 Datasheet HTML 430Page - Exar Corporation XRT7250 Datasheet HTML 431Page - Exar Corporation XRT7250 Datasheet HTML 432Page - Exar Corporation XRT7250 Datasheet HTML 433Page - Exar Corporation XRT7250 Datasheet HTML 434Page - Exar Corporation XRT7250 Datasheet HTML 435Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 431 / 463 page
background image
XRT7250
áç
áç
áç
áç
DS3/E3 FRAMER IC
REV. 1.1.1
412
6.3.4
The Receive Overhead Data Output Inter-
face
Figure 203 presents a simple illustration of the Re-
ceive Overhead Data Output Interface block within
the XRT7250.
The E3, ITU-T G.832 frame consists of 537 bytes. Of
these bytes, 530 bytes are payload bits and the re-
maining 7 bytes are overhead bytes. The XRT7250
has been designed to handle and process both the
payload type and overhead type bytes for each E3
frame.
FIGURE 202. FLOW CHART DEPICTING THE FUNCTIONALITY OF THE LAPD RECEIVER (CONTINUED)
Compute “Frame Check Sequence (FCS)” value of incoming
LAPD Message Frame.
Compare “locally-computed” FCS value with that contained
within the newly received LAPD Message frames.
Do the
two FCS values
Match?
FCS Error Detected
Assert the “Rx FCS Error” bit-field within the “Rx E3
LAPD Status Register (Address = 0x19).
Generate the “Receive LAPD Message frame” interrupt.
From Figure 184
End
A
No
Yes
FIGURE 203. A SIMPLE ILLUSTRATION OF THE RECEIVE OVERHEAD OUTPUT INTERFACE BLOCK
Receive Overhead
Output Interface
Block
Receive Overhead
Output Interface
Block
From Receive
E3 Framer Block
RxOHFrame
RxOH
RxOHClk
RxOHEnable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com