Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XRT7250 Datasheet(PDF) 428 Page - Exar Corporation

Part # XRT7250
Description  DS3/E3 FRAMER IC
PDF  463 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT7250 Datasheet(HTML) 428 Page - Exar Corporation

Back Button XRT7250 Datasheet HTML 424Page - Exar Corporation XRT7250 Datasheet HTML 425Page - Exar Corporation XRT7250 Datasheet HTML 426Page - Exar Corporation XRT7250 Datasheet HTML 427Page - Exar Corporation XRT7250 Datasheet HTML 428Page - Exar Corporation XRT7250 Datasheet HTML 429Page - Exar Corporation XRT7250 Datasheet HTML 430Page - Exar Corporation XRT7250 Datasheet HTML 431Page - Exar Corporation XRT7250 Datasheet HTML 432Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 428 / 463 page
background image
áç
áç
áç
áç
XRT7250
DS3/E3 FRAMER IC
REV. 1.1.1
409
After receiving the LAPD Message frame, the LAPD
Receiver will check the state of the “C/R” bit-field,
within octet # 2 of the LAPD Message frame header
and will reflect this value in Bit 3 (Rx CR Type) within
the Rx E3 LAPD Status Register, as depicted below.
When this bit-field is “0”, it means that this LAPD
Message frame is originating from a customer instal-
lation. When this bit-field is “1”, it means that this
LAPD Message frame is originating from a network
terminal.
4. Identify the Type of LAPD Message Frame/PMDL
Message
Next, the LAPD Receiver will check the value of the
first octet within the PMDL Message field, of the
LAPD Message frame. Recall that from Section _,
that when operating the LAPD Transmitter, the user is
required to write in a byte of a specific value into the
first octet position within the Transmit LAPD Message
buffer. The value of this byte corresponds to the type
of LAPD Message frame/PMDL Message that is to be
transmitted to the Remote LAPD Receiver. This Mes-
sage-Type Identification octet is transported to the
Remote LAPD Receiver, along with the rest of the
LAPD frame. From this Message Type Identification
octet, the LAPD Receiver will know the type of size of
the newly received PMDL Message. The LAPD Re-
ceiver will then reflect this information in Bits 4 and 5
(RxLAPDType[1:0]) within the Rx E3 LAPD Status
Register, as depicted below.
Table 86 presents the relationship between the con-
tents of RxLAPDType[1:0] and the type of message
received by the LAPD Receiver.
NOTE: Prior to reading in the PMDL Message from the
Receive LAPD Message buffer, the user is urged to read
the state of the RxLAPDType[1:0] bit-fields in order to deter-
mine the size of this message.
5. Inform the Local Microprocessor/External Cir-
cuitry of the receipt of the new LAPD Message
frame.
RXE3 LAPD STATUS REGISTER (ADDRESS = 0X19)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
Rx ABORT
RxLAPDType[1:0]
RxCR
Type
RxFCS
Error
End of
Message
Flag
Present
RO
RO
RO
RO
RO
RO
RO
RO
0
0001
000
RXE3 LAPD STATUS REGISTER (ADDRESS = 0X19)
BIT 7BIT 6BIT 5BIT 4BIT 3BIT 2BIT 1BIT 0
Not Used
Rx ABORT
RxLAPDType[1:0]
RxCR
Type
RxFCS
Error
End of
Message
Flag
Present
RO
RO
RO
RO
RO
RO
RO
RO
0
0000
000
TABLE 86: THE RELATIONSHIP BETWEEN THE CONTENTS OF RXLAPDTYPE[1:0] BIT-FIELDS AND THE PMDL
MESSAGE TYPE/SIZE
RXLAPDTYPE[1:0]
PMDL MESSAGE TYPE
PMDL MESSAGE SIZE
00
Test Signal Identification
76 Bytes
01
Idle Signal Identification
76 Bytes
10
CL Path Identification
76 Bytes
11
ITU-T Path Identification
82 Bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com