Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1163 Datasheet(PDF) 24 Page - ams-OSRAM AG

Part # AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Datasheet(HTML) 24 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 20Page - ams-OSRAM AG AS1163 Datasheet HTML 21Page - ams-OSRAM AG AS1163 Datasheet HTML 22Page - ams-OSRAM AG AS1163 Datasheet HTML 23Page - ams-OSRAM AG AS1163 Datasheet HTML 24Page - ams-OSRAM AG AS1163 Datasheet HTML 25Page - ams-OSRAM AG AS1163 Datasheet HTML 26Page - ams-OSRAM AG AS1163 Datasheet HTML 27Page - ams-OSRAM AG AS1163 Datasheet HTML 28Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 91 page
background image
AS1163
Functional description
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
24 / 91
/
6.3.5
DEEPSLEEP state
The device enters in power save sleep mode after GODEEPSLEEP and waits for activating via
GOSLEEP, GOACTIVE or RESET.
Only communication is supported. Diagnostic not possible. Temperature measurement not
possible.
Transition to ACTIVE mode is supported via GOACTIVE command, provided fault flags are
clear.
6.4
ADC
The ADC is meant for measuring the difference between VDD and the LED driver outputs, also
referred to as Vf of the LED.
User can utilize the ADC readings for:
•
Power rail optimization
•
LED aging estimation
•
General purpose measurement request (selected LED driver can be turned OFF by setting
PWM to 0). As the Vf, this measurement is referred to VDD.
The main features are:
•
Sampling window < 2µs
•
Fresh measurement at each driver < 18 ms
•
Resolution: 10-bit
•
Typical Input range from VDD to VDD – 3.574 V (Vforward measurement)
•
Analog multiplexer for measuring the LED Vforward at all driver outputs.
•
Synchronous measurement triggered with PWM rising-edge, to capture the Vds while the
driver is turned on.
•
Asynchronous measurement possible with dedicated bit set in measurement request
command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com