Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1163 Datasheet(PDF) 50 Page - ams-OSRAM AG

Part # AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Datasheet(HTML) 50 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 46Page - ams-OSRAM AG AS1163 Datasheet HTML 47Page - ams-OSRAM AG AS1163 Datasheet HTML 48Page - ams-OSRAM AG AS1163 Datasheet HTML 49Page - ams-OSRAM AG AS1163 Datasheet HTML 50Page - ams-OSRAM AG AS1163 Datasheet HTML 51Page - ams-OSRAM AG AS1163 Datasheet HTML 52Page - ams-OSRAM AG AS1163 Datasheet HTML 53Page - ams-OSRAM AG AS1163 Datasheet HTML 54Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 91 page
background image
AS1163
Functional description
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
50 / 91
/
Table 16: Min PWM values for OPEN detection
OTP bit 1
OTP bit 0
OPEN/SHORT min PWM threshold value
0
0
512
0
1
-
1
0
-
1
1
-
6.11.6
Communication failure
Sets STATUS.CE_FLAG (bit 3) when there is a communication error. A flag bit is set if a
message is wrong (PSI, CRC) for all messages even when they do not address the device.
The transfer will not be stopped.
A CE flag bit due to a wrong command will be set only if this message was addressed to this
device (for forward compatibility).
The flag bit will be deleted when the Status Register is requested by host or deleted.
Table 17: Communication error matrix
Device addressed
PSI matches payload
CRC is correct
PSI matches command
Communication error
Yes
Yes
Yes
Yes
No
Yes
-
-
No
Yes
Yes
-
No
-
Yes
Yes
No
-
-
Yes
No
Yes
Yes
-
No
No
-
No
-
Yes
No
No
-
-
Yes
PSI (Payload Size Indicator): The size of the payload is defined by the PSI field in the
telegram. The following table shows the PSI value vs. payload size:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com