Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1163 Datasheet(PDF) 83 Page - ams-OSRAM AG

Part # AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Datasheet(HTML) 83 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 79Page - ams-OSRAM AG AS1163 Datasheet HTML 80Page - ams-OSRAM AG AS1163 Datasheet HTML 81Page - ams-OSRAM AG AS1163 Datasheet HTML 82Page - ams-OSRAM AG AS1163 Datasheet HTML 83Page - ams-OSRAM AG AS1163 Datasheet HTML 84Page - ams-OSRAM AG AS1163 Datasheet HTML 85Page - ams-OSRAM AG AS1163 Datasheet HTML 86Page - ams-OSRAM AG AS1163 Datasheet HTML 87Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 91 page
background image
AS1163
Command and register description
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
83 / 91
/
7.13.19
SETI2CCFG (0x57)
Write the I²C configuration/status register with 8-bit payload. No answer.
Payload: I²C configuration/status register.
Broadcast is not allowed.
Answer: No answer.
7.13.20
READOTP (0x58)
Read data stored in OTP. Payload is 8-bit, address in OTP (mirror) where to start reading.
Addresses beyond the OTP size (beyond 0x1F) are read as 0x00 (so no wrap-around).
Answer is 8 bytes read from start byte. The telegram payload has the bytes in big endian. For
example READOTP(10) has a response with the read bytes (10..17) in the order 17, 16, .., 10.
OTP access takes time; wait 60us after sending this telegram.
See OTP customer area table (Table 6).
7.13.21
SETOTP (0x59)
Writes 7 bytes to the OTP. It is advised to do read-modify-write on a 7 byte buffer. Addresses
beyond the OTP size (beyond 0x1F) are ignored for write (so no wrap-around). The target
address is at the end of the telegram, and the 7 data bytes are in reverse order.
The following telegram writes “data 0” to “OTP adder” and “data 1” to OTP addr + 1” and so on
up to “data 6” being written to “OTP addr + 6”.
Figure 31: SETOTP
The write is not to the OTP, but to the OTP mirror in device RAM. The mirror is initialized with
the OTP content on power on reset. The mirror is not re-initialized by a RESET telegram.
SETOTP only works when the correct password is first sent using TESTPW. Without the
TESTPW set, the SETOTP does not update the OTP mirror. The TESTPW must be unset (e.g.
set to 0) for normal operation, because when the test password is set, telegram forwarding is
impacted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com