Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1163 Datasheet(PDF) 88 Page - ams-OSRAM AG

Part # AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Datasheet(HTML) 88 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 83Page - ams-OSRAM AG AS1163 Datasheet HTML 84Page - ams-OSRAM AG AS1163 Datasheet HTML 85Page - ams-OSRAM AG AS1163 Datasheet HTML 86Page - ams-OSRAM AG AS1163 Datasheet HTML 87Page - ams-OSRAM AG AS1163 Datasheet HTML 88Page - ams-OSRAM AG AS1163 Datasheet HTML 89Page - ams-OSRAM AG AS1163 Datasheet HTML 90Page - ams-OSRAM AG AS1163 Datasheet HTML 91Page - ams-OSRAM AG  
Zoom Inzoom in Zoom Outzoom out
 88 / 91 page
background image
AS1163
Revision information
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
88 / 91
/
10
Revision information
Document status
Product status
Definition
Product Preview
Pre-development
Information in this datasheet is based on product ideas in the planning phase
of development. All specifications are design goals without any warranty and
are subject to change without notice
Preliminary Datasheet
Pre-production
Information in this datasheet is based on products in the design, validation or
qualification phase of development. The performance and parameters shown
in this document are preliminary without any warranty and are subject to
change without notice
Datasheet
Production
Information in this datasheet is based on products in ramp-up to full production
or full production which conform to specifications in accordance with the terms
of ams-OSRAM AG standard warranty as given in the General Terms of Trade
Other definitions
Draft / Preliminary:
The draft / preliminary status of a document indicates that the content is still under internal review and subject to change without notice. ams-OSRAM
AG does not give any warranties as to the accuracy or completeness of information included in a draft / preliminary version of a document and shall
have no liability for the consequences of use of such information.
Short datasheet:
A short datasheet is intended for quick reference only, it is an extract from a full datasheet with the same product number(s) and title. For detailed
and full information always see the relevant full datasheet. In case of any inconsistency or conflict with the short datasheet, the full datasheet shall
prevail.
Changes from previous released version to current revision v2-00
Page
Changes to v0-07
Initial preliminary version
Changes from v0-07 to v0-08
Document contents transferred to latest ams OSRAM datasheet template
Changes from v0-08 to v0-09see
Updated SAID temperature compensation
38
Updated text and picture description
6, 7, 9, 13
Updated output clustering picture
40
Updated dithering description
41
Updated package drawings and PCB layout
68
Updated electrical parameters
14, 15, 16
Updated ADC section
25
Updated storage time
14
Changes from v0-09 to v1-00
Initial production version
Updated “Absolute maximum ratings” (Continuous power dissipation (TA = 70 °C)) and
"Comments" for ESDCDM as "AEC-Q100-011, ±750V for corner pins"
14
Updated channel current accuracy
15
Updated ADC_GAIN_ERR
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com