Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1163 Datasheet(PDF) 69 Page - ams-OSRAM AG

Part # AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Datasheet(HTML) 69 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 65Page - ams-OSRAM AG AS1163 Datasheet HTML 66Page - ams-OSRAM AG AS1163 Datasheet HTML 67Page - ams-OSRAM AG AS1163 Datasheet HTML 68Page - ams-OSRAM AG AS1163 Datasheet HTML 69Page - ams-OSRAM AG AS1163 Datasheet HTML 70Page - ams-OSRAM AG AS1163 Datasheet HTML 71Page - ams-OSRAM AG AS1163 Datasheet HTML 72Page - ams-OSRAM AG AS1163 Datasheet HTML 73Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 91 page
background image
AS1163
Command and register description
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
69 / 91
/
7.13.2
READTEMPSTAT (0x42)
Read registers from addressed devices:
•
Status
•
Temperature
Table 25: READTEMPSTAT register
Addr: 0x42
READTEMPSTAT
Bit
Bit name
Default
Access
Bit description
15:14
STATE[1:0]
0x0
R
“00” initialized
“01” sleep
“10” active
“11” deep sleep
13
TEST_FLAG
0x0
R
When this flag is set, a device is either in TEST mode or
OTP CRC1 is wrong (= OTP error)
12
OV_FLAG
0x0
RC
Will be set when device detected an overvoltage condition.
Will be automatically cleared after readout and set again if
error still exists (Sticky flag).
11
CE_FLAG
0x0
RC
When set, device detected an error in a received telegram,
either CRC error (when enabled in “SETUP” register) or
length error or other error at protocol or data link layer.
Telegrams are always checked, no matter is a device had
been addressed by a telegram or not. Will be automatically
cleared after readout and set again if error still exists
(Sticky flag).
10
LOS_FLAG
0x0
RC
Will be “1” when in any of the LED channels either a short
or open defect has been detected. Will be automatically
cleared after readout and set again if error still exists
(Sticky flag).
9
OT_FLAG
0x0
RC
Will be set when device detected overtemperature
condition. Will be automatically cleared after readout and
set again if error still exists (Sticky flag).
8
UV_FLAG
0x0
RC
Will be set when device detected an undervoltage
condition. Will be automatically cleared after readout and
set again if error still exists (Sticky flag).
7:0
TEMPVALUE[7:0]
0x0
R
8-bit value of the temperature sensor (see Chapter 6.4.1.2
for format)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com