Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1163 Datasheet(PDF) 82 Page - ams-OSRAM AG

Part # AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Datasheet(HTML) 82 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 78Page - ams-OSRAM AG AS1163 Datasheet HTML 79Page - ams-OSRAM AG AS1163 Datasheet HTML 80Page - ams-OSRAM AG AS1163 Datasheet HTML 81Page - ams-OSRAM AG AS1163 Datasheet HTML 82Page - ams-OSRAM AG AS1163 Datasheet HTML 83Page - ams-OSRAM AG AS1163 Datasheet HTML 84Page - ams-OSRAM AG AS1163 Datasheet HTML 85Page - ams-OSRAM AG AS1163 Datasheet HTML 86Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 91 page
background image
AS1163
Command and register description
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
82 / 91
/
7.13.17
SETADC (0x55)
ADC performs the measurements routine with the settings included into the SETADC
command.
According to the MUX selection, the ADC register is updated with measurement result.
Payload: 8-bit
Broadcast is not allowed.
Answer: No answer.
7.13.18
READI2CCFG (0x56)
Read the I²C configuration/status register (no payload needed). Answer is 8-bit.
Payload: No payload.
Broadcast is not allowed.
Answer: I²C configuration/status register.
Table 37: Format of READI2CCFG register
Addr: 0x56
READI2CCFG
Bit
Bit name
Default
Access
Bit description
7
I2C_INTERRUPT
0x0
R
reflects the status of the INT pin (alternative function of
B2)
6
I2C_12_BIT_ADDR
0x0
RW
This enables the 12 bits address mode for I²C.
5
NACK_ACK
0x0
R
Only defined when an I²C transaction is completed (i.e.
when I2C_BUSY is de-asserted). This bit is a copy of the
last ack bit received from the device (as soon as a
device nacks, the I²C transaction is aborted, and this bit
will be asserted).
4
I2C_BUSY
0x0
R
When set, the I²C transaction is not yet completed; the
SAID is still actively mastering.
3:0
I2C_SPEED[3:0]
0xC
RW
This value selects the divisor factor for I²C speed. (see
Chapter 6.8.2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com