Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1163 Datasheet(PDF) 29 Page - ams-OSRAM AG

Part # AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Datasheet(HTML) 29 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 25Page - ams-OSRAM AG AS1163 Datasheet HTML 26Page - ams-OSRAM AG AS1163 Datasheet HTML 27Page - ams-OSRAM AG AS1163 Datasheet HTML 28Page - ams-OSRAM AG AS1163 Datasheet HTML 29Page - ams-OSRAM AG AS1163 Datasheet HTML 30Page - ams-OSRAM AG AS1163 Datasheet HTML 31Page - ams-OSRAM AG AS1163 Datasheet HTML 32Page - ams-OSRAM AG AS1163 Datasheet HTML 33Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 91 page
background image
AS1163
Functional description
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
29 / 91
/
A SAID device features two SIO interfaces (= Serial IO) which are used for communication
between devices and between a device and an MCU. Each SIO interface consists of a P
terminal and an N terminal. The function of each terminal depends on the configured SIO
mode.
From the functional mode point of view, a SAID is symmetrical in its two SIO interfaces.
Each of the two SIO interfaces supports several different communication modes.
Each SIO operates in half-duplex mode meaning it either receives or transmits a telegram. On
the other hand, it is possible to contemporarily receive a telegram at one SIO and transmitting
at the other SIO interface.
The expected data rate is 2.4 Mbit/s ± some allowed variance (for exact values see Table 4).
The four communication modes are:
1. “LVDS mode”: The SIO uses LVDS signaling on P and N lines for transmitting and
receiving telegrams. Manchester encoding is used to transfer DATA & CLK. Up to 15pF
capacitive load is supported.
2. “MCU mode, normal”:
Type A MCU mode: The SIO uses a single-ended mode for signaling. Incoming
commands are Manchester encoded and are expected on the SIOx_P port. Outgoing
responses are transmitted also on SIOx_P in NRZ format together with the corresponding
clock on SIOx_N.
Type B MCU mode: Implemented as a flavor of the MCU mode, is selectable by OTP
setting. Also called 2-wire SPI mode, it enables incoming communication to SAID using a
DATA line and CLK line on SIO1 port, respectively on P and N lines. Outgoing
communication is the same as for Type A MCU mode. Outgoing communication is the
same as for Type A MCU mode.
Default is MCU mode type A, but with SPI_mode bit set in OTP, the MCU mode type B is
selected.
3. “MCU mode, EOL (End Of Line)”: This is similar to “MCU mode, normal” but the SIO port
does consider itself to be at the end of the daisy chain instead of the beginning. This is
needed for some commands that require the daisy chain topology information, like for
example INIT telegrams.
4. “CAN mode” (officially known as USE mode): Communication via CAN transceiver.
SIOx_P is always in output state and transmits telegram as Manchester encoded signals
(single-ended), SIOx_N is always in input state and receives telegrams as Manchester
encoded signal (single-ended). When connecting two nodes using USE mode, the P and
N wire need to be crossed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com