Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1163 Datasheet(PDF) 15 Page - ams-OSRAM AG

Part # AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Datasheet(HTML) 15 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 11Page - ams-OSRAM AG AS1163 Datasheet HTML 12Page - ams-OSRAM AG AS1163 Datasheet HTML 13Page - ams-OSRAM AG AS1163 Datasheet HTML 14Page - ams-OSRAM AG AS1163 Datasheet HTML 15Page - ams-OSRAM AG AS1163 Datasheet HTML 16Page - ams-OSRAM AG AS1163 Datasheet HTML 17Page - ams-OSRAM AG AS1163 Datasheet HTML 18Page - ams-OSRAM AG AS1163 Datasheet HTML 19Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 91 page
background image
AS1163
Electrical characteristics
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
15 / 91
/
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
ILED_C2C_Mis
LED channel to
channel matching(1)
Max ILED
Channel to
Channel over
the whole
temperature
range and max
current setting.
Tested with
VDD=5V
-5
5
%
ILED_Mis
LED channel current
matching(2)
Max ILED Driver
to Driver (same
channel). Over
the whole
temperature
range and max
current setting.
Tested with
VDD=5V
-2.5
2.5
%
ILED_rise/fall
LED rising / falling
edge
From 10 to 90%
50
ns
LED Off
LED Off current
3
µA
PWM_freq
PWM freq. fast
1.172
kHz
PWM_freq
PWM freq. slow
0.586
kHz
PWM_res
PWM freq. fast
14
bit
PWM_res
PWM freq. slow
15
bit
PWM_freq_acc
PWM freq. accuracy
-5
5
%
PWM_INL
0.2
LSB
VDD_UV
Under voltage
threshold
4.15
V
VDD_UV_HYST
Under voltage
hysteresis
100
mV
VTH_Dig
Valid digital input(3)
0.5
0.75
1.2
V
ADC_VREF1
0.365
V
ADC_VREF2
0.972
V
ADC_VREF
Buffered ADC
reference
1.340
V
ADC_OS
ADC offset(4)
Vf meas.
-2
2
LSB
ADC_RANGE
Typical input range,
Vf mode
Vf meas.
VDD -
8/3
ADC_V
REF
VDD
V
ADC_GAIN
Vf meas.
3.494
mV/LSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com