Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1163 Datasheet(PDF) 37 Page - ams-OSRAM AG

Part # AS1163
Description  Standalone intelligent driver
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1163 Datasheet(HTML) 37 Page - ams-OSRAM AG

Back Button AS1163 Datasheet HTML 33Page - ams-OSRAM AG AS1163 Datasheet HTML 34Page - ams-OSRAM AG AS1163 Datasheet HTML 35Page - ams-OSRAM AG AS1163 Datasheet HTML 36Page - ams-OSRAM AG AS1163 Datasheet HTML 37Page - ams-OSRAM AG AS1163 Datasheet HTML 38Page - ams-OSRAM AG AS1163 Datasheet HTML 39Page - ams-OSRAM AG AS1163 Datasheet HTML 40Page - ams-OSRAM AG AS1163 Datasheet HTML 41Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 91 page
background image
AS1163
Functional description
Datasheet • PUBLIC • Document Feedback
DS001075 • v2-00 • 2025-Nov-21
37 / 91
/
When only 1 SPI port is used, the MCU needs to toggle the SPI role between sender and
receiver after a message has been sent and before the response is received. SAIDs apply a
wait time of min. 5 µs between the end of an incoming telegram and the start of a response
that is sent back to the sender. The clock phase on SIOx_N is selectable through register
settings, using the COM_INV bit in the SETUP register.
The figure below illustrates the signals for the SPI Type B MCU mode (pull-up on SIO_P and
pull-down on SIO_N and the two possible clock polarities, respectively.
Figure 19: SPI mode
Information:
SPI is only supported on SIO1 port.
6.5.7.1
SCK interruptions in SPI mode
An internal counter operating at the system clock is reset periodically at every edge of the
external clock (reconstructed clock in case of a Manchester signal).
The internal counter flags a communication error, 8 system clock cycles after the last clock
edge.
For example:
•
Nominal system clock of 19.2 MHz resulting in a period of about 52 ns.
•
The timeout is flagged after 8 system clock cycles, or 416 ns.
•
SCK interruptions can be tolerated if below 416 ns. Otherwise, a communication error is
detected and communication fails to receive the message.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com